Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2016LHAB Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2016LHAB
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2016LHAB Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2016LHAB Datasheet HTML 1Page - Diodes Incorporated DMN2016LHAB Datasheet HTML 2Page - Diodes Incorporated DMN2016LHAB Datasheet HTML 3Page - Diodes Incorporated DMN2016LHAB Datasheet HTML 4Page - Diodes Incorporated DMN2016LHAB Datasheet HTML 5Page - Diodes Incorporated DMN2016LHAB Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN2016LHAB
Document number: DS36133 Rev. 5 - 2
2 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMN2016LHAB
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 6) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
7.5
5.8
A
t < 10s
TA = +25°C
TA = +70°C
ID
7.7
6.0
A
Pulsed Drain Current (10μs pulse, duty cycle = 1% )
IDM
45
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.2
W
TA = +70°C
0.75
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
106
°C/W
t < 10s
100
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.65
W
TA = +70°C
1
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
78
°C/W
t < 10s
72
Thermal Resistance, Junction to Case
RθJC
11.4
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
20
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1.0
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±10
μA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.5
0.71
1.1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
13
15.5
m
Ω
VGS = 4.5V, ID = 4.0A
13.5
16.5
VGS = 4.0V, ID = 4.0A
14
19
VGS = 3.1V, ID = 4.0A
15
20
VGS = 2.5V, ID = 4.0A
21
30
VGS = 1.8V, ID = 3.5A
Forward Transfer Admittance
|Yfs|
—
25
—
S
VDS = 5V, ID = 6A
Diode Forward Voltage
VSD
—
0.75
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
1550
—
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
166
—
pF
Reverse Transfer Capacitance
Crss
—
145
—
pF
Gate Resistance
Rg
—
1.37
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 2.5V)
Qg
—
8.4
—
nC
VDS = 10V, ID = 6A
Total Gate Charge (VGS = 4.5V)
Qg
—
16
—
nC
Gate-Source Charge
Qgs
—
2.3
—
nC
Gate-Drain Charge
Qgd
—
2.5
—
nC
Turn-On Delay Time
tD(on)
—
6.9
—
ns
VDD = 10V, RL = 1.7Ω,
VGS = 5.0V, RG = 3Ω
Turn-On Rise Time
tr
—
15.5
—
ns
Turn-Off Delay Time
tD(off)
—
40.9
—
ns
Turn-Off Fall Time
tf
—
12
—
ns
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper pad
7. Repetitive rating, pulse width limited by junction temperature
8. Guaranteed by design. Not subject to product testing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com