Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2016LHAB Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN2016LHAB
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2016LHAB Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN2016LHAB Datasheet HTML 1Page - Diodes Incorporated DMN2016LHAB Datasheet HTML 2Page - Diodes Incorporated DMN2016LHAB Datasheet HTML 3Page - Diodes Incorporated DMN2016LHAB Datasheet HTML 4Page - Diodes Incorporated DMN2016LHAB Datasheet HTML 5Page - Diodes Incorporated DMN2016LHAB Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN2016LHAB
Document number: DS36133 Rev. 5 - 2
4 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMN2016LHAB
0
2
4
6
8
10
1214
16 1820
1,000
100
10
1,000
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 7 Typical Junction Capacitance
Ciss
Coss
Crss
f = 1MHz
0
5
10
15
20
25
30
35
40
Q(nC)
g, TOTAL GATE CHARGE
Figure 8 Gate Charge
0
2
4
6
8
10
V= 10V
I= A
DS
D
6
0.1
1
10
100
V , DRAIN-SOURCE VOLTAGE (V)
Figure 9 SOA, Safe Operation Area
DS
100
10
1
0.1
0.01
R
Limited
DS(on)
T
= 150°C
T = 25°C
J(max)
A
V
= 12V
Single Pulse
GS
DUT on 1 * MRP Board
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
0.1
1
10
100
V , DRAIN-SOURCE VOLTAGE (V)
Figure 10 SOA, Safe Operation Area
DS
100
10
1
0.1
0.01
R
Limited
DS(on)
T
= 150°C
T = 60°C
J(max)
A
V
= 12V
Single Pulse
GS
DUT on 1 * MRP Board
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIME (sec)
Figure 11 Transient Thermal Resistance
0.001
0.01
0.1
1
R
(t) = r(t) * R
R
= 100°C/W
Duty Cycle, D = t1/ t2
θθ
θ
JA
JA
JA
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com