Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3018SSS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3018SSS
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3018SSS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3018SSS_15 Datasheet HTML 1Page - Diodes Incorporated DMN3018SSS_15 Datasheet HTML 2Page - Diodes Incorporated DMN3018SSS_15 Datasheet HTML 3Page - Diodes Incorporated DMN3018SSS_15 Datasheet HTML 4Page - Diodes Incorporated DMN3018SSS_15 Datasheet HTML 5Page - Diodes Incorporated DMN3018SSS_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3018SSS
Document number: DS35501 Rev. 5 - 2
2 of 6
www.diodes.com
February 2012
© Diodes Incorporated
DMN3018SSS
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TA = 25°C
TA = 70°C
ID
7.3
5.7
A
t<10s
TA = 25°C
TA = 70°C
ID
9.7
7.8
A
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = 25°C
TA = 70°C
ID
5.5
4.3
A
t<10s
TA = 25°C
TA = 70°C
ID
7.6
5.8
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
60
A
Maximum Body Diode continuous Current
IS
2.5
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 4)
TA = 25°C
PD
1.4
W
TA = 70°C
0.9
Thermal Resistance, Junction to Ambient (Note 4)
Steady state
RθJA
90
°C/W
t<10s
50
°C/W
Total Power Dissipation (Note 5)
TA = 25°C
PD
1.7
W
TA = 70°C
1.1
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
75
°C/W
t<10s
42
°C/W
Thermal Resistance, Junction to Case (Note 5)
RθJC
7.6
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS = 24V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±10
μA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
1
1.7
2.1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
15
21
mΩ
VGS = 10V, ID = 10A
-
20
35
VGS = 4.5V, ID = 8.5A
Forward Transfer Admittance
|Yfs|
-
8.3
-
S
VDS = 5V, ID = 6.9A
Diode Forward Voltage
VSD
0.5
-
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
-
697
-
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
97
-
pF
Reverse Transfer Capacitance
Crss
-
67
-
pF
Gate resistance
Rg
-
1.47
-
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
-
6.0
-
nC
VGS = 10V, VDS = 15V,
ID = 9A
Total Gate Charge (VGS = 10V)
Qg
-
13.2
-
nC
Gate-Source Charge
Qgs
-
2.2
-
nC
Gate-Drain Charge
Qgd
-
1.8
-
nC
Turn-On Delay Time
tD(on)
-
4.3
-
ns
VDD = 15V, VGS = 10V,
RL = 15Ω,ID = 1A, RG = 6Ω
Turn-On Rise Time
tr
-
4.4
-
ns
Turn-Off Delay Time
tD(off)
-
20.1
-
ns
Turn-Off Fall Time
tf
-
4.1
-
ns
Reverse Recovery Time
Trr
-
7.3
-
ns
IF = 9A, di/dt = 500A/μs
Reverse Recovery Charge
Qrr
-
7.9
-
nC
Notes:
4. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com