Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3018SSS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3018SSS
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3018SSS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3018SSS_15 Datasheet HTML 1Page - Diodes Incorporated DMN3018SSS_15 Datasheet HTML 2Page - Diodes Incorporated DMN3018SSS_15 Datasheet HTML 3Page - Diodes Incorporated DMN3018SSS_15 Datasheet HTML 4Page - Diodes Incorporated DMN3018SSS_15 Datasheet HTML 5Page - Diodes Incorporated DMN3018SSS_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN3018SSS
Document number: DS35501 Rev. 5 - 2
4 of 6
www.diodes.com
February 2012
© Diodes Incorporated
DMN3018SSS
0
0.4
0.8
1.2
1.6
2.0
2.4
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
J
°
I= 1mA
D
I = 250µA
D
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1.0
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig.8 Diode Forward Voltage vs. Current
T= 25°C
A
0
5
10
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 9 Typical Drain-Source Leakage Current vs. Voltage
1
10
100
1,000
10,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
5
10
15
20
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 10 Typical Junction Capacitance
10
100
1,000
C
iss
f = 1MHz
C
oss
Crss
02
4
6
8
10
12
14
16
Q
(nC)
g
Fig. 11 Gate Charge
, TOTAL GATE CHARGE
0
2
4
6
8
10
V
= 15V, I = A
DS
D
9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com