Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3035LWN-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN3035LWN-7
Description  30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3035LWN-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN3035LWN-7 Datasheet HTML 1Page - Diodes Incorporated DMN3035LWN-7 Datasheet HTML 2Page - Diodes Incorporated DMN3035LWN-7 Datasheet HTML 3Page - Diodes Incorporated DMN3035LWN-7 Datasheet HTML 4Page - Diodes Incorporated DMN3035LWN-7 Datasheet HTML 5Page - Diodes Incorporated DMN3035LWN-7 Datasheet HTML 6Page - Diodes Incorporated DMN3035LWN-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMN3035LWN
Document number: DS37528 Rev. 2 - 2
5 of 7
www.diodes.com
January 2015
© Diodes Incorporated
DMN3035LWN
0
5
10
15
20
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9 Diode Forward Voltage vs. Current
VGS=0V,
TA=-55℃
VGS=0V, TA=+25℃
VGS=0V, TA=+85℃
VGS=0V, TA=+125℃
VGS=0V, TA=+150℃
1
10
100
1000
10000
0
5
10
15
20
25
30
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10 Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
2
4
6
8
10
0
2
4
6
8
10
12
Qg, TOTAL GATE CHARGE (nC)
Figure 11 Gate Charge
VDS=15V, ID=5.8A
0.01
0.1
1
10
100
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
T
J(Max)=+150℃
T
A=+25℃
Single Pulse
DUT on 1*MRP
board
V
GS=10V
R
DS(ON) Limited
DC
PW=10s
PW=1s
PW=100ms
PW=10ms
PW=1ms
PW=100ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com