Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3035LWN-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMN3035LWN-7
Description  30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3035LWN-7 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMN3035LWN-7 Datasheet HTML 1Page - Diodes Incorporated DMN3035LWN-7 Datasheet HTML 2Page - Diodes Incorporated DMN3035LWN-7 Datasheet HTML 3Page - Diodes Incorporated DMN3035LWN-7 Datasheet HTML 4Page - Diodes Incorporated DMN3035LWN-7 Datasheet HTML 5Page - Diodes Incorporated DMN3035LWN-7 Datasheet HTML 6Page - Diodes Incorporated DMN3035LWN-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMN3035LWN
Document number: DS37528 Rev. 2 - 2
6 of 7
www.diodes.com
January 2015
© Diodes Incorporated
DMN3035LWN
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
V-DFN3020-8
(Type N)
Dim
Min
Max
Typ
A
0.77
 0.83
0.80
A1
0
0.05
0.02
A3
-
-
0.203
b
0.24
0.34
0.29
D
2.95
3.05
3.00
D2
0.84
1.04
0.94
e
-
-
0.65
E
1.95
2.05
2.00
E2
0.70
0.90
0.80
L
0.27
0.37
0.32
L1
0.15
0.25
0.20
K
-
-
0.68
Z
-
-
0.38
All Dimensions in mm
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version
Dimensions
Value
(in mm)
C
0.650
G
0.580
X
0.390
X1
1.040
X2
2.340
Y
0.520
Y1
0.900
Y2
0.300
Y3
2.300
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure 13 Transient Thermal Resistance
RθJA(t)=r(t) * RθJA
RθJA=162oC/W
Duty Cycle, D=t1 / t2
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.7
D=0.9
D
E
b
A
A1
A3
Seating Plane
E2
e
L1
L
K
Z(4x)
(Pin #1 ID)
D2
X2
Y3
C
Y
X
G
Y1
X1
Y2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com