Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3371 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3371
Description  4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3371 Datasheet(HTML) 1 Page - Linear Technology

  LTC3371_15 Datasheet HTML 1Page - Linear Technology LTC3371_15 Datasheet HTML 2Page - Linear Technology LTC3371_15 Datasheet HTML 3Page - Linear Technology LTC3371_15 Datasheet HTML 4Page - Linear Technology LTC3371_15 Datasheet HTML 5Page - Linear Technology LTC3371_15 Datasheet HTML 6Page - Linear Technology LTC3371_15 Datasheet HTML 7Page - Linear Technology LTC3371_15 Datasheet HTML 8Page - Linear Technology LTC3371_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC3371
1
3371fa
For more information www.linear.com/LTC3371
Typical applicaTion
FeaTures
DescripTion
4-Channel 8A Configurable
Buck DC/DCs with Watchdog
and Power-On Reset
TheLTC®3371isahighlyflexiblemultioutputpowersupply
IC. The device includes four synchronous buck convert-
ers, configured to share eight 1A power stages, each of
which is powered from independent 2.25V to 5.5V inputs.
The DC/DCs are assigned to one of eight possible power
configurations via pin programmable C1-C3 pins. The
common buck switching frequency may be programmed
withanexternalresistor,synchronizedtoanexternaloscil-
lator, or set to a default internal 2MHz clock. The operating
mode for all DC/DCs may be programmed for Burst Mode
or forced continuous mode operation.
The CT pin programs the timing parameters of four inde-
pendent RST pins as well as the watchdog timer.
To reduce input noise, the buck converters are phased in
90° steps. Precision enable pin thresholds facilitate reli-
able power sequencing. The LTC3371 is available in low
profile 38-lead 5mm
× 7mm QFN and TSSOP packages.
applicaTions
n
8
× 1A Buck Power Stages Configurable as 2, 3 or 4
Output Channels
n
8 Unique Output Configurations (1A to 4A Per Channel)
n
IndependentVINSuppliesforEachDC/DC(2.25Vto5.5V)
n
Low Total No Load Supply Current:
n
15µA In Shutdown (All Channels Off)
n
68µA One Channel Active in Burst Mode®Operation
n
18µA Per Additional Channel
n
Precision Enable Pin Thresholds for Autonomous
Sequencing
n
1MHz to 3MHz RT Programmable Frequency
(2MHz Default) or PLL Synchronization
n
Temp Monitor Indicates Die Temperature
n
CT Programmed Watchdog Timer
n
Independent RST Pins Indicate Buck in Regulation
n
Thermally Enhanced 38-Lead 5mm
× 7mm QFN and
TSSOP Packages
n
General Purpose Multichannel Power Supplies:
Automotive, Industrial, Distributed Power Systems
L
, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
2.25V TO 5.5V
VINA
VINB
VINE
VINF
VINC
VIND
VING
VINH
SWA
SWB
SWE
SWF
2.25V TO 5.5V
VOUT1 = 1.2V/2A
VOUT2 = 1.5V/2A
VOUT3 = 1.8V/2A
VOUT4 = 2.5V/2A
2.7V TO 5.5V
LTC3371
VCC
C1 C2 C3
FB3
EN3
RST3
FB1
EN1
RST1
2.5V TO 5.5V
SWC
SWD
SWG
SWH
2.25V TO 5.5V
FB4
EN4
RST4
FB2
EN2
RST2
TEMP
WDI
WDO
PLL/MODE
RT
CT
GND
3371 TA01
2.2µH
2.2µH
324k
645k
412k
475k
806k
649k
665k
309k
C3
C2
C1
BUCK1 BUCK2 BUCK3 BUCK4
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
2A
3A
3A
4A
3A
4A
4A
4A
2A
1A
1A
1A
2A
2A
2A
1A
1A
2A
1A
2A
2A
3A
2A
3A
2A
3A
4A
LOAD CURRENT (mA)
1
10
100
1000 4000
0
10
20
30
40
50
60
70
80
90
100
3371 TA01b
1A BUCK
2A BUCK
3A BUCK
4A BUCK
VIN = 3.3V
VOUT = 1.8V
f OSC = 1MHz
L = 3.3µH
Burst Mode OPERATION
Buck Efficiency vs ILOAD


Similar Part No. - LTC3371_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3371 LINER-LTC3371 Datasheet
1Mb / 26P
4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3371 LINER-LTC3371 Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
logo
Analog Devices
LTC3371 AD-LTC3371 Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3371 AD-LTC3371 Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3371 AD-LTC3371 Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
More results

Similar Description - LTC3371_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX698 MAXIM-MAX698 Datasheet
117Kb / 4P
Low Cost Power-On Reset and Watchdog Controllers
1996
logo
Linear Technology
LT3640 LINER-LT3640 Datasheet
572Kb / 24P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LTC3370 LINER-LTC3370_15 Datasheet
974Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3370EUH LINER-LTC3370EUH Datasheet
933Kb / 10P
4-Channel 8A Configurable Buck DC/DCs
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
Buck Regulator with Power-On Reset and Watchdog Timer
LTC3370 LINER-LTC3370 Datasheet
796Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3371 LINER-LTC3371 Datasheet
1Mb / 26P
4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3372 LINER-LTC3372 Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com