Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3371 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3371
Description  4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3371 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3371_15 Datasheet HTML 17Page - Linear Technology LTC3371_15 Datasheet HTML 18Page - Linear Technology LTC3371_15 Datasheet HTML 19Page - Linear Technology LTC3371_15 Datasheet HTML 20Page - Linear Technology LTC3371_15 Datasheet HTML 21Page - Linear Technology LTC3371_15 Datasheet HTML 22Page - Linear Technology LTC3371_15 Datasheet HTML 23Page - Linear Technology LTC3371_15 Datasheet HTML 24Page - Linear Technology LTC3371_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC3371
21
3371fa
For more information www.linear.com/LTC3371
Typical applicaTions
EXPOSED PAD
2.2µH
VINH
VINA
VINB
VINC
SWH
SWA
SWB
SWC
FB1
VINF
VING
SWF
SWG
FB4
3371 TA03
2.2µH
806k
649k
232k
1M
464k
47µF
1.2V
4A
2.5V
1A
1.8V
2A
10µF
10µF
22µF
22µF
3.3V
1A
47µF
22µF
100µF
2.2µH
LTC3371
VIND
SWD
FB2
VINE
SWE
FB3
2.2µH
511k
162k
1M
665k
309k
402k
RT
EN1
EN2
EN3
EN4
PLL/MODE
C1
C2
C3
VCC
RST1
RST2
RST3
RST4
WDO
WDI
TEMP
CT
VCC
MICROPROCESSOR
CONTROL
10µF
0.1µF
CIN
22µF
VIN
5.5V TO 36V
INTVCC
34.8k
470pF
100k
100k
COUT: SANYO 10TPE330M
D1: DFLS1100
L1 COILCRAFT SER1360-802KL
MTOP, MBOT: Si7850DP
19.1k
2.2µF
D1
0.1µF
FREQ
ITH
SGND
SGND
LTC3891
VIN
PGOOD
PLLIN/MODE
ILIM
INTVCC
PGND
L1
8µH
RSENSE
7m
BOOST
SW
BG
SENSE+
SENSE–
EXTVCC
VFB
TG
MTOP
MBOT
1nF
COUT
330µF
5V
6A
TRACK/SS
RUN
VIN
EN
KILL
INT
PB
TMR GND ON
LTC2955TS8-1
MICROPROCESSOR
CONTROL
MICROPROCESSOR
CONTROL
Buck Regulators with Sequenced Start-Up Diven from a High Voltage Upstream Buck Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com