Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBM-183 Datasheet(PDF) 4 Page - RF Micro Devices

Part # DBM-183
Description  High Level Subminiature Flatpack Double Balanced Mixer 10MHz to 4000MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

DBM-183 Datasheet(HTML) 4 Page - RF Micro Devices

  DBM-183 Datasheet HTML 1Page - RF Micro Devices DBM-183 Datasheet HTML 2Page - RF Micro Devices DBM-183 Datasheet HTML 3Page - RF Micro Devices DBM-183 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131104
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 4
DBM-183
Package Drawing (Dimensions in millimeters)
Material: F15 Kovar per ASTM Standard F-15-68 (chemical composition per MIL-STD-1276, type K)
Finish: plating: all metal parts, gold per MIL-G-45204, type 1, grade A, class 1, over nickel per MIL-C-26074, class 1
Leads: Kovar per MIL-STD-1276, type K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com