Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDA1005L Datasheet(PDF) 2 Page - RF Micro Devices

Part # RDA1005L
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RDA1005L Datasheet(HTML) 2 Page - RF Micro Devices

  RDA1005L Datasheet HTML 1Page - RF Micro Devices RDA1005L Datasheet HTML 2Page - RF Micro Devices RDA1005L Datasheet HTML 3Page - RF Micro Devices RDA1005L Datasheet HTML 4Page - RF Micro Devices RDA1005L Datasheet HTML 5Page - RF Micro Devices RDA1005L Datasheet HTML 6Page - RF Micro Devices RDA1005L Datasheet HTML 7Page - RF Micro Devices RDA1005L Datasheet HTML 8Page - RF Micro Devices RDA1005L Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RDA1005L
DS120828
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical RF Performance at Key Operating Frequencies
(Note: Broadband Application Circuit)
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
+5.5
VDC
DC Supply Current
110
mA
Power Dissipation
605
mW
Max RF Input Power
20
dBm
Operating Temperature (TCASE)-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temp
165*
°C
ESD Rating (HBM)
1000 (Class 1C)
V
Moisture Sensitivity Level
MSL3
* MTTF = 1.0E6 hours at 165°C junction temperature
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
General Parameters
TA = 25°C, V
DD = 5V
Frequency Range
50
4000
MHz
Gain Max 500MHz
17.5
19.0
20.5
dB
Attenuation = 0dB
Gain Max 2700MHz
15.5
17.5
18.5
dB
Step Accuracy
+(0.1 +5% attenuation setting)
dB
Major state max error up to 2700MHz
Output P1dB 1900MHz
20
dBm
Attenuation = 0dB
Output P1dB 2700MHz
19
dBm
Output IP3 1900MHz
36
dBm
Output IP3 2700MHz
33
dBm
Control Interface
6
bit
Serial mode
Settling Time
250
ns
tON, tOFF (10/90% RF)
Noise Figure 1900MHz
6.3
dB
Attenuation = 0dB
Impedance
50
Input Return Loss
-15
dB
Output Return Loss
-15
dB
Supply Voltage
4.75
5.0
5.25
V
Supply Current
82
mA
Thermal Resistance
80.7
°C/W
Junction to backside of device
Parameter
Unit
500MHz
850MHz
1.95GHz
2.4GHz
3.5GHz
4GHz
Maximum Small Signal Gain
dB
18.9
18.7
17.6
17.2
15.7
13.7
Output P1dB
dBm
20.5
20.4
20.4
19.4
16.9
14.7
Output IP3
dBm
39
40
36
34.8
28.5
27.1
Input Return Loss
dB
-36
-24
-16
-15
-14
-10
Output Return Loss
dB
-18
-22
-15
-11
-16
-27
Noise Figure
dB
5.5
5.5
5.9
6.2
-
-
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com