Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDA1005L Datasheet(PDF) 1 Page - RF Micro Devices

Part # RDA1005L
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RDA1005L Datasheet(HTML) 1 Page - RF Micro Devices

  RDA1005L Datasheet HTML 1Page - RF Micro Devices RDA1005L Datasheet HTML 2Page - RF Micro Devices RDA1005L Datasheet HTML 3Page - RF Micro Devices RDA1005L Datasheet HTML 4Page - RF Micro Devices RDA1005L Datasheet HTML 5Page - RF Micro Devices RDA1005L Datasheet HTML 6Page - RF Micro Devices RDA1005L Datasheet HTML 7Page - RF Micro Devices RDA1005L Datasheet HTML 8Page - RF Micro Devices RDA1005L Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
9
10
1
2
3
4
5
6
7
8
11
12
13
14
15
16
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
AMPIN
GND
GND
ATTOUT
ACG1
ACG2
ACG3
ACG4
NC
NC
NC
NC
NC
NC
NC
Vdd
DSA
6-bit SPI
E-pad
GND
RDA1005L
DIGITAL CONTROLLED VARIABLE GAIN
AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
RFMD’s RDA1005L is a digitally controlled variable gain amplifier featuring high lin-
earity over the entire gain control range with noise figure less than 6dB in its maxi-
mum gain state. The gain of the 6-bit digital step attenuator is programmed with a
serial mode control interface. The RDA1005L is packaged in a small 5.2mm x
5.2mm leadless laminate MCM which contains plated through thermal vias for
ultra-low thermal resistance. The footprint for this thermal vias for ultra low thermal
resistance. The footprint for this module is directly compatible with a 5mm x 5mm
QFN. This module is easy to use with no external matching components required.
Features
Broadband 50MHz to 4000MHz
Operation
6-Bit Digital Step Attenuator
Serial Mode Programming
Gain = -13.5dB to +18dB (0.5dB
Step Size)
High OIP3/P1dB =
+36dB/20dBm
Single +5V Supply
Small 32-Pin, 5.2mm x 5.2mm,
MCM (Footprint Compatible with
5mm x 5mm 32-Pin QFN)
Applications
Cellular, 3G Infrastructure
WiBro, WiMax, LTE
Microwave Radio
High Linearity Power Control
DS120828
Package: MCM, 32-Pin, 5.2mm x 5.2mm
RDA1005LDig-
ital Controlled
Variable Gain
Amplifier
50MHz to
4000MHz, 6
Bit
RDA1005LSQ
Sample bag with 25 pieces
RDA1005LSR
7” Sample reel with 100 pieces
RDA1005LTR7
7” Reel with 750 pieces
RDA1005LTR13
13” Reel with 2500 pieces
RDA1005LPCK-410
50MHz to 4000MHz PCBA with 5-piece sample bag


Similar Part No. - RDA1005L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDA1846S ETC2-RDA1846S Datasheet
1Mb / 16P
Single Chip Transceiver For Wlkie Talkie
logo
Hammond Manufacturing L...
RDA1U4 HAMMOND-RDA1U4 Datasheet
56Kb / 1P
Ensemble dadaptateurs de profondeur pour rails
RDA1U4 HAMMOND-RDA1U4 Datasheet
169Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - RDA1005L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
Digital Controlled Variable Gain Amplifier
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Maxim Integrated Produc...
MAX19791 MAXIM-MAX19791_V01 Datasheet
4Mb / 24P
50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com