Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2052 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF2052
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF2052 Datasheet HTML 12Page - RF Micro Devices RF2052 Datasheet HTML 13Page - RF Micro Devices RF2052 Datasheet HTML 14Page - RF Micro Devices RF2052 Datasheet HTML 15Page - RF Micro Devices RF2052 Datasheet HTML 16Page - RF Micro Devices RF2052 Datasheet HTML 17Page - RF Micro Devices RF2052 Datasheet HTML 18Page - RF Micro Devices RF2052 Datasheet HTML 19Page - RF Micro Devices RF2052 Datasheet HTML 20Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
16 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
lowed by a ‘1’ (to indicate a read operation), followed by a seven bit address. A 1.5 bit delay is introduced before the sixteen bit
data word representing the register content is presented to the receiver.
Note that since the serial bus does not require the presence of the crystal clock, it is necessary to insert an additional rising
clock edge before the ENX line is set low to ensure the address is read correctly.
Hardware Control
Three hardware control pins are provided: ENBL, MODE, and RESETB.
ENBL Pin
The ENBL pin has two functions: to enable the analog circuits in the chip and to trigger the VCO band selection as described in
the VCO section on page 10.
As outlined in the VCO section the chip has a built-in automatic VCO band selection to tune the selected VCO to the desired fre-
quency. The band selection is initiated when the ENBL pin is taken high. Every time the frequency of the synthesizer is re-pro-
grammed, the ENBL has to be inserted high to initiate the automatic VCO band selection (VCO coarse tune).
RESETB Pin
The RESETB pin is a hardware reset control that will reset all digital circuits to their start-up state when asserted low. The
device includes a power-on-reset function, so this pin should not normally be required, in which case it should be connected to
the positive supply.
MODE Pin
The MODE pin controls which PLL programming register bank is active.
For normal operation of the RF2052 the MODE pin should be set high to select the default PLL2 programming registers. It is
possible to set the FULLD bit in the CFG1 register high. This allows the MODE pin to select either PLL1 register bank
(MODE=low) or PLL2 register bank (MODE=high). This may be useful for some applications where two LO frequencies can be
programmed into the registers then the MODE pin used to toggle between them. The ENBL pin will also need to be cycled to re-
lock the synthesizer for each frequency.
ENBL Pin
REFSTBY Bit
XO and Bias Block
Analogue Block
Digital Block
Low
0
Off
Off
On
Low
1
On
Off
On
High
0
OnOnOn
High
1
OnOnOn
Parameter
Description
Time
t1
MODE setup time
>5ns
t2
MODE hold time
>5ns
ENBL
MODE
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com