Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2052 Datasheet(PDF) 23 Page - RF Micro Devices

Part # RF2052
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052 Datasheet(HTML) 23 Page - RF Micro Devices

Back Button RF2052 Datasheet HTML 19Page - RF Micro Devices RF2052 Datasheet HTML 20Page - RF Micro Devices RF2052 Datasheet HTML 21Page - RF Micro Devices RF2052 Datasheet HTML 22Page - RF Micro Devices RF2052 Datasheet HTML 23Page - RF Micro Devices RF2052 Datasheet HTML 24Page - RF Micro Devices RF2052 Datasheet HTML 25Page - RF Micro Devices RF2052 Datasheet HTML 26Page - RF Micro Devices RF2052 Datasheet HTML 27Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
23 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CFG3 (O2h) - PLL Calibration
CFG4 (O3h) - Crystal Oscillator and Reference Divider
#
Bit Name
Default
Function
15
TKV1
0
0
Settling time for first measurement in LO KV compensation
14
0
13
0
12
0
11
TKV2
0
4
Settling time for second measurement in LO KV compensation
10
1
90
80
70
0
60
50
40
3
FLL_FACT
0
4
Default setting 01. Needs to be set to 00 for N<28. This case can arise when higher phase
detector frequencies are used.
21
1CT_CPOL
0
0
REFSTBY
0
Reference oscillator standby mode 0=XO is off in standby mode, 1=XO is on in standby mode
#
Bit Name
Default
Function
15
CLK_DIV
0
1
Reference divider, divide by 2 (010) to 7 (111) when reference divider is enabled
14
0
13
0
12
CLK_DIV_BYPASS 1
Reference divider enabled=0, divider bypass (divide by 1)=1
11
XO_CT
1
8
Crystal oscillator coarse tune (approximately 0.5pF steps from 8pF to 16pF)
10
0
90
80
7
XO_I2
0
0
Crystal oscillator current setting
6
XO_I1
0
5
XO_CR_S
0
Crystal oscillator additional fixed capacitance (approximately 0.25pF)
4
TCT
0
Duration of coarse tune acquisition
31
F
21
11
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com