Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2818 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2818
Description  GPS LOW NOISE AMPLIFIER WITH INTEGRATED INPUT/OUTPUT SAW FILTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2818 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2818 Datasheet HTML 1Page - RF Micro Devices RF2818 Datasheet HTML 2Page - RF Micro Devices RF2818 Datasheet HTML 3Page - RF Micro Devices RF2818 Datasheet HTML 4Page - RF Micro Devices RF2818 Datasheet HTML 5Page - RF Micro Devices RF2818 Datasheet HTML 6Page - RF Micro Devices RF2818 Datasheet HTML 7Page - RF Micro Devices RF2818 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
RF2818
DS100714
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Low Current Mode
VDD= VSD=1.76V, IDD=4mA, Temp=25°C
Nominal Operating Conditions (unless other-
wise specified)
Gain (G)
13.1
dB
Noise Figure (NF)*
1.7
dB
Input P1dB Compressed Power
(IP1dB)
-6.5
dBm
Input 3rd Order Intercept Point
(2-tone at fc±2.5MHz)
+5.7
dBm
Input Return Loss (S11)
-7.2
dB
Output Return Loss (S22)
-13
dB
Reverse Isolation (S12)
-23
dB
Cell Band Rejection (Relative to
1575MHz at 827.5MHz
100
dBc
PCS Band Rejection (Relative to
1575MHz at 1885MHz)
72
dBc
Supply DC Current at Shutdown
(SD) Voltage VSD=2.7V (IDD)
4mA
ISH (Shutdown Current)
0.40
uA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com