Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2818 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2818
Description  GPS LOW NOISE AMPLIFIER WITH INTEGRATED INPUT/OUTPUT SAW FILTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2818 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2818 Datasheet HTML 1Page - RF Micro Devices RF2818 Datasheet HTML 2Page - RF Micro Devices RF2818 Datasheet HTML 3Page - RF Micro Devices RF2818 Datasheet HTML 4Page - RF Micro Devices RF2818 Datasheet HTML 5Page - RF Micro Devices RF2818 Datasheet HTML 6Page - RF Micro Devices RF2818 Datasheet HTML 7Page - RF Micro Devices RF2818 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 of 8
RF2818
DS100714
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Evaluation Board Schematic
RF2818
VDD
Input
Output
C1
C2
1
SD
9
8
11
2, 3, 4, 5, 6, 7, 9, 10, 12
Notes:
- C1 forms the output matching network & should be placed as
shown in the layout.
- C2 is the decoupling capacitor and may or may not be
required in the application (routing dependent).
100pF
12pF
J2
RF OUT
C2
100pF
C1
0.1uF
C3
12pF
J1
RF IN
GND
GND
GNDGND
GND
GND
GND
SD
GND
GND
1
2
3
4
P1
SD
GND
GND
VDD
VDD
GND
GND
GND
GND
RF IN
1
GND
2
GND
3
GND
7
RF OUT
8
VDD
9
RF2818
U1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com