Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5325 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5325
Description  3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5325 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5325 Datasheet HTML 1Page - RF Micro Devices RF5325 Datasheet HTML 2Page - RF Micro Devices RF5325 Datasheet HTML 3Page - RF Micro Devices RF5325 Datasheet HTML 4Page - RF Micro Devices RF5325 Datasheet HTML 5Page - RF Micro Devices RF5325 Datasheet HTML 6Page - RF Micro Devices RF5325 Datasheet HTML 7Page - RF Micro Devices RF5325 Datasheet HTML 8Page - RF Micro Devices RF5325 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
RF5325
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
1RX
Receive port for 802.11b/g/n band. Internally matched to 50
. DC block provided.
2GND
Ground.
3TX
RF input for the 802.11b/g/n PA. Input is matched to 50
 and DC block is provided.
4VREG
Digital enable pin for the 802.11b/g/n PA. This is an active high control. An external bypass capacitor may be
needed on the VREG line for decoupling purposes.
5PDETECT
Power detector voltage for TX section. PDET voltage varies with output power. May need external decoupling
capacitor for module stability. May need external circuitry to bring output voltage to desired level.
6VCC
Supply voltage for the bias circuit of the PA. Add an external 56pF bypass capacitor for low frequency decou-
pling.
7VCC
Supply voltage for the first stage of the PA. Add an external 1nF capacitor for low frequency decoupling.
8N/C
No connect.
9VCC
Supply voltage for the second stage of the PA. Add an external 10nF capacitor for low frequency decoupling.
10
GND
Ground.
11
ANT
Port matched to 50
 and is a DC short to ground.
12
GND
Ground.
13
BT
RF bidirectional port for Bluetooth®. Input is matched to 50
 and DC block is provided.
14
C_BT
Switch control port. See switch truth table for proper level.
15
C_TX
Switch control port. See switch truth table for proper level.
16
C_RX
Switch control port. See switch truth table for proper level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com