Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5325 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5325
Description  3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5325 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF5325 Datasheet HTML 4Page - RF Micro Devices RF5325 Datasheet HTML 5Page - RF Micro Devices RF5325 Datasheet HTML 6Page - RF Micro Devices RF5325 Datasheet HTML 7Page - RF Micro Devices RF5325 Datasheet HTML 8Page - RF Micro Devices RF5325 Datasheet HTML 9Page - RF Micro Devices RF5325 Datasheet HTML 10Page - RF Micro Devices RF5325 Datasheet HTML 11Page - RF Micro Devices RF5325 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9 of 12
RF5325
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5325 Biasing Instructions:
•
802.11b/g/n Transmit
• Connect the FEM to a signal generator at the input and a spectrum analyzer at the output.
•Bias VCC to 3.3V first with VREG=0.0V
• Refer to switch operational truth table to set the control lines at the proper levels for WiFi TX.
• Turn on
VREG to 2.85V (typ.). VREG controls the current drawn by the 802.11b/g/n power amplifier and the current
should quickly rise to ~100mA±20mA for a typical part but it varies based on the output power desired. Be
extremely careful not to exceed 3.4V on the
VREG pin or the part may exceed device current limits.
•
802.11 b/g/n Receive
• To Receive WiFi set the switch control lines per the truth table below.
•
Bluetooth® Receive
•To Receive Bluetooth® set the switch control lines per the truth table below.
Switch Control Logic
*The FEM can simultaneously receive WiFi and Bluetooth® in the WiFi RX and BT RX Mode.
C_RX
C_TX
C_BT
Mode
LL
H
Bluetooth®
LH
L
WiFi TX
HL
L
WiFi RX
H
L
H
WiFi RX and BT RX mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com