Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5355 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5355
Description  3.3V, 5GHz LINEAR POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5355 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5355 Datasheet HTML 1Page - RF Micro Devices RF5355 Datasheet HTML 2Page - RF Micro Devices RF5355 Datasheet HTML 3Page - RF Micro Devices RF5355 Datasheet HTML 4Page - RF Micro Devices RF5355 Datasheet HTML 5Page - RF Micro Devices RF5355 Datasheet HTML 6Page - RF Micro Devices RF5355 Datasheet HTML 7Page - RF Micro Devices RF5355 Datasheet HTML 8Page - RF Micro Devices RF5355 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RF5355
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
IEEE802.11a Spectral Mask
per FCC Part 15.205
-43
dBm
Amplifier set up for best IEEE802.11a performance;
FC=5180MHz; RF POUT=+17dBm; T=+25°C, Measured @
5150MHz
-43
dBm
Amplifier set up for best IEEE802.11a performance;
FC=5320MHz; RF POUT=+17dBm; T=+25°C, Measured @
5350MHz
Second Harmonic
-14
dBm
At nominal conditions, at POUT=+17dBm, measured in
1MHz RBW with 6Mbps 11a signal, Fundamental Fre-
quency is between 4.9GHz to 5.299GHz.
-23
dBm
At nominal conditions, at POUT=+17dBm, measured in
1MHz RBW with 6Mbps 11a signal, Fundamental Fre-
quency is between 5.3GHz to 5.85GHz.
Input Return Loss
-10
dB
Turn-on Time
0.5
1.5
S
Output stable to within 90% of final gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com