Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5355 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5355
Description  3.3V, 5GHz LINEAR POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5355 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5355 Datasheet HTML 1Page - RF Micro Devices RF5355 Datasheet HTML 2Page - RF Micro Devices RF5355 Datasheet HTML 3Page - RF Micro Devices RF5355 Datasheet HTML 4Page - RF Micro Devices RF5355 Datasheet HTML 5Page - RF Micro Devices RF5355 Datasheet HTML 6Page - RF Micro Devices RF5355 Datasheet HTML 7Page - RF Micro Devices RF5355 Datasheet HTML 8Page - RF Micro Devices RF5355 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RF5355
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1VC1
First stage supply voltage.
2RF IN
RF input. Input is matched to 50
 and DC block is provided internally.
3VREG
First, second and third stage bias voltage combined on the die to one exter-
nal voltage. This pin requires regulated supply for best performance.
4PDETECT
Power detector voltage is proportional to RF output power. May need exter-
nal decoupling capacitor for module stability. May need external circuitry to
bring output voltage to desired level.
5RF OUT
RF output is internally matched to 50
 and DC-blocking capacitor of about
1.8pF to 5.6pF depending on the layout is required externally if a switch is
used immediately after the PA that has DC voltage at the switch input
which is the same node at the RF output of the PA.
6RF OUT
Same as pin 5.
See pin 5.
7VC3
Supply voltage for the third stage.
8VC2
Supply voltage for the second stage.
Pkg
Base
GND
Ground connection. The backside of the package should be connected to
the ground plane through a short path (i.e., vias under the device will be
required).
INPUT
MATCH
VC1
INTERSTAGE
MATCH
OUTPUT
MATCH
VC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com