Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5516TR7 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5516TR7
Description  5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5516TR7 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5516TR7 Datasheet HTML 1Page - RF Micro Devices RF5516TR7 Datasheet HTML 2Page - RF Micro Devices RF5516TR7 Datasheet HTML 3Page - RF Micro Devices RF5516TR7 Datasheet HTML 4Page - RF Micro Devices RF5516TR7 Datasheet HTML 5Page - RF Micro Devices RF5516TR7 Datasheet HTML 6Page - RF Micro Devices RF5516TR7 Datasheet HTML 7Page - RF Micro Devices RF5516TR7 Datasheet HTML 8Page - RF Micro Devices RF5516TR7 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
RF5516
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Patterns
Thermal vias for center slug “B” should be incorporated into the PCB design. The number and size of the thermal vias will
depend on the application, the power dissipation, and the electrical requirements. Example of the number and size of vias can
be found on the RFMD evaluation board layout.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com