Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5516TR7 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5516TR7
Description  5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5516TR7 Datasheet(HTML) 8 Page - RF Micro Devices

  RF5516TR7 Datasheet HTML 1Page - RF Micro Devices RF5516TR7 Datasheet HTML 2Page - RF Micro Devices RF5516TR7 Datasheet HTML 3Page - RF Micro Devices RF5516TR7 Datasheet HTML 4Page - RF Micro Devices RF5516TR7 Datasheet HTML 5Page - RF Micro Devices RF5516TR7 Datasheet HTML 6Page - RF Micro Devices RF5516TR7 Datasheet HTML 7Page - RF Micro Devices RF5516TR7 Datasheet HTML 8Page - RF Micro Devices RF5516TR7 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 of 9
RF5516
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Layout
Board Size 1.5” x 1.5”
Board Thickness 0.044”, Board Material RF-4
TOP SIGNAL
MID LAYER-1
MID LAYER-2
BOTTOM LAYER



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com