Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5602 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5602
Description  3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5602 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5602 Datasheet HTML 1Page - RF Micro Devices RF5602 Datasheet HTML 2Page - RF Micro Devices RF5602 Datasheet HTML 3Page - RF Micro Devices RF5602 Datasheet HTML 4Page - RF Micro Devices RF5602 Datasheet HTML 5Page - RF Micro Devices RF5602 Datasheet HTML 6Page - RF Micro Devices RF5602 Datasheet HTML 7Page - RF Micro Devices RF5602 Datasheet HTML 8Page - RF Micro Devices RF5602 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1 of 27
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
BiFET HBT
LDMOS
VREG1
RF IN
BIAS VCC
RF OUT
RF OUT
RF OUT
15
14
13
12
11
10
4
3
2
1
16
9
8
7
6
5
3
rd
Stage
2
nd
Stage
1
st
Stage
Interstage
Match
Interstage
Match
Bias
Detector
Input
Match
PDOWN
GND
RF5602
3.0V TO 5.0V, 2.3GHz TO 2.7GHz
LINEAR POWER AMPLIFIER
The RF5602 is a linear power amplifier IC designed specifically for
medium power applications. The device is manufactured on an advanced
InGaP Heterojunction Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in 802.11b/g/n access point
transmitters. The device is provided in a 3mm x 3mm x 0.45mm, 16-pin,
leadless chip carrier with a backside ground. The RF5602 is designed to
maintain linearity over a wide range of supply voltages and power outputs.
Features
32dB to 34dB Small Signal Gain
2.5% EVM (RMS) at 27dBm, 5.0V
2.5% EVM (RMS) at 25.5dBm,
4.2V
2.5% EVM (RMS) at 24dBm, 3.3V
Integrated Power Detector on Die
Multiple Frequency Ranges
High Impedance Control
Applications
IEEE 802.11b/g/n WiFi Systems
2.4GHz ISM Band Applications
Commercial and Consumer
Systems
WiBro 2.3GHz to 2.4GHz Band
Applications
WiFi 2.4GHz to 2.5GHz Band
Applications
WiMAX 2.5GHz to 2.7GHz Band
Applications
DS120213
RF56023.0V
to 5.0V,
2.3GHz to
2.7GHz Linear
Power Ampli-
fier
Package Style: QFN, 16-Pin, 3mm x 3mm x 0.45mm


Similar Part No. - RF5602

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF5602 QORVO-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5602

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5263 RFMD-RF5263 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
RF5622 RFMD-RF5622 Datasheet
79Kb / 2P
3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
logo
RF Micro Devices
RF5603 RFMD-RF5603 Datasheet
2Mb / 24P
3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
RF5616 RFMD-RF5616 Datasheet
1Mb / 13P
3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
RF5652 RFMD-RF5652 Datasheet
2Mb / 21P
5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
2.3GHz to 2.7GHz 2W POWER AMPLIFIER
logo
Qorvo, Inc
RF5602 QORVO-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com