Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5652TR13 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5652TR13
Description  5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5652TR13 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5652TR13 Datasheet HTML 1Page - RF Micro Devices RF5652TR13 Datasheet HTML 2Page - RF Micro Devices RF5652TR13 Datasheet HTML 3Page - RF Micro Devices RF5652TR13 Datasheet HTML 4Page - RF Micro Devices RF5652TR13 Datasheet HTML 5Page - RF Micro Devices RF5652TR13 Datasheet HTML 6Page - RF Micro Devices RF5652TR13 Datasheet HTML 7Page - RF Micro Devices RF5652TR13 Datasheet HTML 8Page - RF Micro Devices RF5652TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3 of 21
RF5652
DS120125
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions
T=25 °C, VCC=5.0V, VREG=2.85V, using an
IEEE802.16e waveform, 10MHz BW, unless other-
wise noted
Frequency
2500
2700
MHz
Compliance with standard 802.16e
802.16e Output Power
29
30
dBm
EVM
2.5
%
Gain
32
34
dB
Gain variation over Temp
+/-2.5
dB
Second Harmonic
-25
dBm/MHz
Third Harmonic
-50
dBm/MHz
Low Gain Mode - Gain Reduction
20
25
dB
Drop in gain vs. high gain mode by setting VREG2=0
Power Detect Range
0.2
2.8
V
POUT = 0 to 30dBm, usable range from 0 to 33dBm
Power Detect Power Range
10
33
dBm
Input Return Loss - Tx_in pin
10
15
dB
In specified frequency band
Output Return Loss
8
10
dB
In specified frequency band
Operating Current
1500
1800
mA
At POUT = 30dBm
Quiescent Current
950
1050
mA
VCC = 5.0, VREG = 2.85V and RF=OFF
IREG
13
18
mA
PDOWN Current
30
mA
PDOWN = 0V, VREG = 2.85V, VCC = 5V
Leakage Current
0.25
0.4
mA
VCC = 5V, VREG=0V, PDOWN = 0V
Power Supply - VCC
55.25
V
Power supply - VREG (at Eval Board pin)
2.8
2.85
3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com