Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5652TR13 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5652TR13
Description  5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5652TR13 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5652TR13 Datasheet HTML 3Page - RF Micro Devices RF5652TR13 Datasheet HTML 4Page - RF Micro Devices RF5652TR13 Datasheet HTML 5Page - RF Micro Devices RF5652TR13 Datasheet HTML 6Page - RF Micro Devices RF5652TR13 Datasheet HTML 7Page - RF Micro Devices RF5652TR13 Datasheet HTML 8Page - RF Micro Devices RF5652TR13 Datasheet HTML 9Page - RF Micro Devices RF5652TR13 Datasheet HTML 10Page - RF Micro Devices RF5652TR13 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7 of 21
RF5652
DS120125
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Note: Thermal vias for center slug "C" should be incorporated into the PCB design. The number and size of thermal vias will
depend on the application, the power dissipation, and the electrical requirements. Example of the number and size of vias can
be found on the RFMD evaluation board layout..
5.000±0.100
3.600±0.100
3.600±0.100
5.000±0.100
0.203 Ref
0.850±.050
0.500 BSC
0.400±.050
0.250 +0.050 / -0.070
BOTTOM VIEW
SIDE VIEW
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com