Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5755 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5755
Description  2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5755 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5755 Datasheet HTML 1Page - RF Micro Devices RF5755 Datasheet HTML 2Page - RF Micro Devices RF5755 Datasheet HTML 3Page - RF Micro Devices RF5755 Datasheet HTML 4Page - RF Micro Devices RF5755 Datasheet HTML 5Page - RF Micro Devices RF5755 Datasheet HTML 6Page - RF Micro Devices RF5755 Datasheet HTML 7Page - RF Micro Devices RF5755 Datasheet HTML 8Page - RF Micro Devices RF5755 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 of 15
RF5755
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Receive Parameters,
cont.
Noise Figure
VCC>3.3V, including switch
WiFi Rx
2.1
3.5
dB
WiFi Rx mode (LNA “ON”)
Simultaneous WiFi/BT Rx Mode
3
4
dB
WiFi Rx/BT Mode (LNA “ON”)
Passband Ripple
-0.2
+0.2
dB
WiFi Rx Mode
-0.5
+0.5
dB
WiFi Rx/BT Mode
WiFi Rx Port Return Loss
9.6
dB
Over temp and nominal bias conditions (VCC=3.3V)
5
7
dB
Switch in WiFi Rx/Bluetooth Mode
WiFi Rx Port Impedance
50
No external matching
Bluetooth Parameters
Frequency
2.4
2.5
GHz
Insertion Gain/Loss
BT Tx/Rx only Loss
1.2
1.5
dB
Bluetooth mode
BT Rx* Gain
11
13
15
dB
WiFi Rx/BT Mode, LNA “ON”
Passband Ripple
-0.2
+0.2
dB
Bluetooth mode
-0.5
+0.5
dB
WiFi Rx/BT mode
Bluetooth Port Return Loss
9.6
dB
Switch in Bluetooth Mode
7
dB
Switch in WiFi Rx/Bluetooth Mode
Input P1dB
27
30
dBm
Over Temp, C_BT=3.3V to 3.6V
Other Requirements
Antenna Port Impedance
Output
50
Return Loss
10
dB
Isolation
Antenna to Receive
20
dB
In BT Mode (measured from ANT to Rx port)
Antenna to Bluetooth®
20
dB
In Tx Mode (measured from ANT to BT port)
Antenna to Receive
20
dB
In Tx Mode (measured from ANT to Rx port)
Switch Control Voltage
C Rx, C BT, and C BW Rx control lines
Low
0
0.2
V
Switch is in the low state (L)
High
1.7
3.6
V
Switch is in the high state (H)
Switch Control Current
2
10
A
Per control line (C_BT, C_BWRX)
C_Rx Current
100
AOver VCC, Frequency and Temperature.
Switch Control Speed
100
nsec
Switch P1dB
28
dBm
ESD
Human Body Model
500
V
EIA/JESD22-114A RF pins
1000
V
EIA/JESD22-114A DC pins
Charge Device Model
500
V
JESD22-C101C all pins
Note 1: The PA module must operate with gated bias voltage input at 1% to 99% duty cycle.
Note 2: The output power for channels 1 and 11 may be reduced to meet FCC restricted band requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com