Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5755 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5755
Description  2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5755 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5755 Datasheet HTML 1Page - RF Micro Devices RF5755 Datasheet HTML 2Page - RF Micro Devices RF5755 Datasheet HTML 3Page - RF Micro Devices RF5755 Datasheet HTML 4Page - RF Micro Devices RF5755 Datasheet HTML 5Page - RF Micro Devices RF5755 Datasheet HTML 6Page - RF Micro Devices RF5755 Datasheet HTML 7Page - RF Micro Devices RF5755 Datasheet HTML 8Page - RF Micro Devices RF5755 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 of 15
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
Tx In
LNA_Vcc
RX Out
C_BT
ANT
Vreg
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
SP3T
GND
OC
RF5755
2.4GHz TO 2.5GHz 802.11b/g/n
WiFi FRONT END MODULE
The RF5755 provides a complete integrated solution in a single Front End
Module (FEM) for WiFi 802.11b/g/n and Bluetooth® systems. The ultra
small form factor and integrated matching greatly reduces the number of
external components and layout area in the customer application. This
simplifies the total Front End solution by reducing the bill of materials, sys-
tem footprint, and manufacturability cost. The RF5755 integrates a
2.4GHz Power Amplifier (PA), Low Noise Amplifier (LNA), power detector
coupler for improved accuracy, and some filtering for harmonic rejection.
The RF5755 is capable of receiving WiFi and Bluetooth® simultaneously.
The device is provided in a 3mmx3mmx0.5mm, 16-pin package. This
module meets or exceeds the RF Front End needs of IEEE 802.11b/g/n
WiFi RF systems.
Features
Integrated 2.4GHz to 2.5GHz
b/g/n Amplifier, LNA, SP3T
Switch, and Power Detector
Coupler
Single Supply Voltage 3.0V to
4.8V
POUT=19.5dBm, 11g, OFDM
at <3.3% EVM, 22dBm 11b
Meeting 11b Spectral Mask
Low Height Package, Suited
for SiP and CoB Designs
Applications
Cellular handsets
Mobile devices
Tablets
Consumer electronics
Gaming
Netbooks/Notebooks
TV/monitors/video
SmartEnergy
RF5755SQ
Standard 25 piece bag
RF5755SR
Standard 100 piece reel
RF5755TR7
Standard 2500 piece reel
RF5755PCK-410
Fully Assembled Evaluation Board with 5 loose sample pieces
DS120214
Package Style: QFN, 16-pin, 3mmx3mmx0.5mm


Similar Part No. - RF5755

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF5755 QORVO-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755PCK-410 QORVO-RF5755PCK-410 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755SQ QORVO-RF5755SQ Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755SR QORVO-RF5755SR Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755TR7 QORVO-RF5755TR7 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results

Similar Description - RF5755

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com