Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF6539 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF6539
Description  3.3V TO 4.0V,915MHz Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6539 Datasheet(HTML) 4 Page - RF Micro Devices

  RF6539 Datasheet HTML 1Page - RF Micro Devices RF6539 Datasheet HTML 2Page - RF Micro Devices RF6539 Datasheet HTML 3Page - RF Micro Devices RF6539 Datasheet HTML 4Page - RF Micro Devices RF6539 Datasheet HTML 5Page - RF Micro Devices RF6539 Datasheet HTML 6Page - RF Micro Devices RF6539 Datasheet HTML 7Page - RF Micro Devices RF6539 Datasheet HTML 8Page - RF Micro Devices RF6539 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
RF6539
DS130110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Description
Pin
Name
Description
1GND
Ground
2GND
Ground
3GND
Ground
4GND
Ground
5ANT2
Antenna 2 Output/Input
6GND
Ground
7ANT1
Antenna 1 Output/Input
8GND
Ground
9ANT_SEL
Antenna Selection Control Line
10
VCC
Diversity Switch Supply Voltage
11
TXRX_SEL
Transmit or Receive Selection Control Lone
12
GND
Ground
13
GND
Ground
14
GND
Ground
15
GND
Ground
16
RX
Receive Port
17
GND
Ground
18
TX
Transmit Port
19
GND
Ground
20
GND
Ground
21
GND
Ground
22
GND
Ground
23
VCC
Power Amplifier Supply Voltage
24
VREG
Power Amplifier Supply Voltage
25
GND
Ground
26
GND
Ground
27
GND
Ground
28
GND
Ground
29
GND
Center Ground Flag



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com