Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF6539 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6539
Description  3.3V TO 4.0V,915MHz Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6539 Datasheet(HTML) 1 Page - RF Micro Devices

  RF6539 Datasheet HTML 1Page - RF Micro Devices RF6539 Datasheet HTML 2Page - RF Micro Devices RF6539 Datasheet HTML 3Page - RF Micro Devices RF6539 Datasheet HTML 4Page - RF Micro Devices RF6539 Datasheet HTML 5Page - RF Micro Devices RF6539 Datasheet HTML 6Page - RF Micro Devices RF6539 Datasheet HTML 7Page - RF Micro Devices RF6539 Datasheet HTML 8Page - RF Micro Devices RF6539 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
1
2
3
4
5
6
7
8
9
GND
GND
TX
RX
GND
GND
GND
GND
GND
ANT2
ANT1
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
GND
GND
GND
GND
GND
RF6539
3.3V TO 4.0V,915MHz Transmit/Receive
Module
This module is intended for 915MHz AMR solutions. It provides separate ports for
Rx and Tx paths and two ports on the output for connecting a diversity solution or a
test port. The PA section provides a nominal output power of 22dBm. The device is
provided in a 5.5mm x 5.0mm, 28-pin package.
Features
Tx Output Power: 22dBm
Separate 50
 Tx/Rx Transceiver
Interface
Rx Insertion Loss: 1dB
Antenna Diversity Switch
Applications
Wireless Automated Metering
Wireless Alarm Systems
Portable Battery Powered
Equipment
Smart Energy
868MHz/900MHz ISM Band
Application
Single Chip RF Front End Module
DS130110
Package: LGA, 28-Pin, 5.5mm x 5.0mm
RF65393.3V
to
4.0V,915MHz
Trans-
mit/Receive
Module
RF6539
Standard 25 piece bag
RF6539SR
Standard 100 piece reel
RF6539TR7
Standard 2500 piece reel
RF6539PCBK-410
Fully Assembled Evaluation Board and 5 loose sample pieces


Similar Part No. - RF6539

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
3.0V to 4.2V, 2.4GHz Front End Module
RF6535PCK-410 RFMD-RF6535PCK-410 Datasheet
1,001Kb / 8P
3.0V to 4.2V, 2.4GHz Front End Module
RF6535SQ RFMD-RF6535SQ Datasheet
1,001Kb / 8P
3.0V to 4.2V, 2.4GHz Front End Module
RF6535SR RFMD-RF6535SR Datasheet
1,001Kb / 8P
3.0V to 4.2V, 2.4GHz Front End Module
RF6535TR13 RFMD-RF6535TR13 Datasheet
1,001Kb / 8P
3.0V to 4.2V, 2.4GHz Front End Module
More results

Similar Description - RF6539

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6519 RFMD-RF6519 Datasheet
442Kb / 8P
3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com