Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFAM3790TR13 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFAM3790TR13
Description  45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAM3790TR13 Datasheet(HTML) 5 Page - RF Micro Devices

  RFAM3790TR13 Datasheet HTML 1Page - RF Micro Devices RFAM3790TR13 Datasheet HTML 2Page - RF Micro Devices RFAM3790TR13 Datasheet HTML 3Page - RF Micro Devices RFAM3790TR13 Datasheet HTML 4Page - RF Micro Devices RFAM3790TR13 Datasheet HTML 5Page - RF Micro Devices RFAM3790TR13 Datasheet HTML 6Page - RF Micro Devices RFAM3790TR13 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140820
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 7
RFAM3790
Evaluation Board Schematic
C4
4.7nF
C2
4.7nF
C1
DNI
D2
MM3Z5V6T1
R1
2.7k
Ω
D3
TGL34-33A
C3
4.7nF
C5
4.7nF
C7
DNI
D1
TQP200002
25V
FB1
Bead 60
Ω
T1
RFXF0006
T2
RFXF0008
V+
RF INPUT
RF OUTPUT
1
2
3
4
5
6
7
8
9
C6
4.7nF
Power
Enable
Att.
Adjust
GND
U1
RFAM3790
C9
4.7nF
C8
4.7nF
D4
TQP200002
25V
T3
RFXF0009
Evaluation Board Bill of Materials (BOM)
Designator
Value
Description
Manufacturer
Part Number
C1
DNI
optional to improve matching in application
C2, C3, C4, C5,
C6, C8, C9
4.7nF
Capacitor, X7R, 50V, 10%
C7
DNI
optional to improve matching in application
R1
2.7
kΩ
Resistor, TK200, 5%
FB1
60
Ω @ 100MHz
Impedance Bead, DCR 0.1Ohm, 800mA
Taiyo Yuden
BK 1608HS600-T
D1, D4
25V
ESD Protection
Triquint
TQP200002
D2
5.6V
Zener Diode, 200mW
On Semiconductor
MM3Z5V6T1G
D3
33V
Transient Suppressor Diode, 5%
Diotec
TGL34-33A
T1
1:1
Transformer
RFMD
RFXF0006
T2
2.8:1
Transformer
RFMD
RFXF0008
T3
1:1
Transformer
RFMD
RFXF0009
U1
Amplifier
RFMD
RFAM3790



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com