Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFAM3790TR13 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFAM3790TR13
Description  45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAM3790TR13 Datasheet(HTML) 6 Page - RF Micro Devices

  RFAM3790TR13 Datasheet HTML 1Page - RF Micro Devices RFAM3790TR13 Datasheet HTML 2Page - RF Micro Devices RFAM3790TR13 Datasheet HTML 3Page - RF Micro Devices RFAM3790TR13 Datasheet HTML 4Page - RF Micro Devices RFAM3790TR13 Datasheet HTML 5Page - RF Micro Devices RFAM3790TR13 Datasheet HTML 6Page - RF Micro Devices RFAM3790TR13 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140820
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 7
RFAM3790
Pin Out
1
2
3
4
5
6
7
8
9
Power Enable
Att. Adjust
RF IN +
RF IN -
RF OUT -
12V OUT
RF OUT +
5.6V V+
12V V+
GND
Pin Names and Descriptions
Pin
Name
Description
1
Power Enable
Logic Level (3.3V) Power Enable Control
2
Att. Adjust
Voltage Adjustable Attenuator
3
RF IN (+)
RF AMP Positive Input
4
RF IN (-)
RF AMP Negative Input
5
RF OUT (-)
RF AMP Negative Output
6
12V Out
12V Output
7
RF OUT (+)
RF AMP Positive Output
8
5.6V V+
Supply Voltage 5.6V
9
12V V+
Supply Voltage 12V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com