Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFCM3080 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFCM3080
Description  40-1003MHZ GAAS/GAN PUSH PULL MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM3080 Datasheet(HTML) 2 Page - RF Micro Devices

  RFCM3080 Datasheet HTML 1Page - RF Micro Devices RFCM3080 Datasheet HTML 2Page - RF Micro Devices RFCM3080 Datasheet HTML 3Page - RF Micro Devices RFCM3080 Datasheet HTML 4Page - RF Micro Devices RFCM3080 Datasheet HTML 5Page - RF Micro Devices RFCM3080 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RFCM3080
40-1003MHZ GAAS/GAN PUSH PULL MODULE
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC< BLETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the properly of their respective owners. ©2009, RF Micro Devices, Inc.
DS130711
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
2 of 6
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Voltage (single tone)
70
dBmV
DC Supply Over-Voltage (5 minutes)
30
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +100
°C
1.
The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2.
79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +46dBmV flat output level, plus 75 digital channels, -6dB offset
relative to the equivalent analog carrier.Composite Second Order (CSO) - The CSO parameter (both sum and difference products) is
defined by the NCTA.Composite Triple Beat (CTB) - The CTB parameter is defined by the NCTA.Cross Modulation (XMOD) - Cross
modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the car-rier being
tested.Carrier to Intermodulation Noise (CIN) - The CIN parameter is defined by ANSI/SCTE 17 (Test procedure for carrier to noise).
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
V+= 24V; TMB=30°C; ZS=ZL=75Ω
Power Gain
27.0
dB
f=50MHz
27.5
28.5
29.0
dB
f=1003MHz
Slope[1]
0.5
1.0
2.0
dB
f=40MHz to 1003MHz
Flatness of Frequency Response
0.8
dB
f=40MHz to 1003MHz
Input Return Loss
-20
dB
f=40MHz to 320MHz
-18
dB
f=320MHz to 640MHz
-17
dB
f=640MHz to 870MHz
-16
dB
f=870MHz to 1003MHz
Output Return Loss
-20
dB
f=40MHz to 320MHz
-19
dB
f=320MHz to 640MHz
-18
dB
f=640MHz to 870MHz
-17
dB
f=870MHz to 1003MHz
Noise Figure
4.5
5.0
dB
f=50MHz to 1003MHz
Total Current Consumption (DC)
250.0
270.0
mA
Distortion data 40MHz to 550MHz
V+= 24V; TMB=30°C; ZS=ZL=75Ω
CTB
-70
-65
dBc
VO=46dBmV flat, 79 analog channels plus 75 digital
channels (-6dB offset)[2]
XMOD
-63
-58
dBc
VO=46dBmV flat, 79 analog channels plus 75 digital
channels (-6dB offset)[2]
CSO
-75
-66
dBc
VO=46dBmV flat, 79 analog channels plus 75 digital
channels (-6dB offset)[2]
CIN
65
69
dB
VO=46dBmV flat, 79 analog channels plus 75 digital
channels (-6dB offset)[2]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com