Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFCM3080 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFCM3080
Description  40-1003MHZ GAAS/GAN PUSH PULL MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM3080 Datasheet(HTML) 1 Page - RF Micro Devices

  RFCM3080 Datasheet HTML 1Page - RF Micro Devices RFCM3080 Datasheet HTML 2Page - RF Micro Devices RFCM3080 Datasheet HTML 3Page - RF Micro Devices RFCM3080 Datasheet HTML 4Page - RF Micro Devices RFCM3080 Datasheet HTML 5Page - RF Micro Devices RFCM3080 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RFCM3080
40-1003MHZ GAAS/GAN PUSH PULL MODULE
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC< BLETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the properly of their respective owners. ©2009, RF Micro Devices, Inc.
DS130711
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
1 of 6
RFCM3080
Package: 9 pin, 11.0 mm x 8.5 mm x 1.375mm
Features
Excellent Linearity
Superior Return Loss Performance
Extremely Low Distortion
Optimal Reliability
Low Noise
Unconditionally Stable Under all
Terminations
27.5dB Min. Gain at 1003MHz
270mA Max. at 24VDC
Applications
40MHz to 1003MHz CATV Amplifier
Systems
Functional Block Diagram
Product Description
The RFCM3080 is a Push Pull amplifier SMD module. The part employs GaAs MESFET, GaAs
pHemt and GaN Hemt die and is operated from 40MHz to 1003MHz. It provides excellent
linearity and superior return loss performance with low noise and optimal reliability. DC
current of the device can be externally adjusted for optimum distortion performance vs.
power consumption over a wide range of output level.
DC current of the device can be externally adjusted for optimum distortion performance
versus power consumption over a wide range of output level.
Ordering Information
RFCM3080SB
Sample Bag 5 pieces
RFCM3080SQ
Sample Bag 25 pieces
RFCM3080SR
7” Reel with 100 pieces
RFCM3080TR7
7” Reel with 500 pieces
RFCM3080TR13
13” Reel with 1000 pieces
RFCM3080PCBA-410
Fully Assembled Evaluation Board
RFCM3080PCK-410
Fully Assembled Evaluation Board with Sample Pack
Optimum Technology Matching® Applied
GaAs HBT
SiGe BiCMOS
GaAs pHEMT
GaN HEMT
GaAs MESFET
Si BiCMOS
Si CMOS
RF MEMS
InGaP HBT
SiGe HBT
Si BJT
LDMOS


Similar Part No. - RFCM3080

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM3050 RFMD-RFCM3050 Datasheet
832Kb / 6P
40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050PCBA-410 RFMD-RFCM3050PCBA-410 Datasheet
832Kb / 6P
40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050PCK-410 RFMD-RFCM3050PCK-410 Datasheet
832Kb / 6P
40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050SB RFMD-RFCM3050SB Datasheet
832Kb / 6P
40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3050SQ RFMD-RFCM3050SQ Datasheet
832Kb / 6P
40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
More results

Similar Description - RFCM3080

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM2680 RFMD-RFCM2680 Datasheet
427Kb / 6P
45MHz TO 1003MHz GaAs/GaN POWER DOUBLER MODULE
RFCM3050 RFMD-RFCM3050 Datasheet
832Kb / 6P
40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM4363 RFMD-RFCM4363 Datasheet
509Kb / 8P
45-1218MHZ GAAS/GAN PUSH PULL MODULE
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPP2870 RFMD-RFPP2870 Datasheet
269Kb / 3P
28dB Push Pull Hybrid 40MHz to 1003MHz
RFPP3870 RFMD-RFPP3870 Datasheet
244Kb / 3P
GaAs/GaN Push Pull Hybrid GaAs/GaN Push Pull Hybridz
logo
TriQuint Semiconductor
QPA3320 TRIQUINT-QPA3320 Datasheet
197Kb / 4P
CATV Push Pull Hybrid 1003MHz 34dB
logo
Qorvo, Inc
QPA3320 QORVO-QPA3320 Datasheet
267Kb / 4P
CATV Push Pull Hybrid 1003MHz 34dB
RFCM4363 QORVO-RFCM4363 Datasheet
436Kb / 9P
45-1218 MHz GaAs/GaN Push Pull Module
QPA9831 QORVO-QPA9831 Datasheet
218Kb / 4P
GaAs/GaN Push Pull Hybrid 45MHTz teo m12p18laMtHez
March 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com