Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA0016SQ Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFDA0016SQ
Description  DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0016SQ Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFDA0016SQ Datasheet HTML 3Page - RF Micro Devices RFDA0016SQ Datasheet HTML 4Page - RF Micro Devices RFDA0016SQ Datasheet HTML 5Page - RF Micro Devices RFDA0016SQ Datasheet HTML 6Page - RF Micro Devices RFDA0016SQ Datasheet HTML 7Page - RF Micro Devices RFDA0016SQ Datasheet HTML 8Page - RF Micro Devices RFDA0016SQ Datasheet HTML 9Page - RF Micro Devices RFDA0016SQ Datasheet HTML 10Page - RF Micro Devices RFDA0016SQ Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 of 11
RFDA0016
DS100813
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1RFIN
RF Input.
2GND
RF/DC Ground Connection.
3
VCC_AMP1
Supply Voltage for Amplifier 1.
4GND
RF/DC Ground Connection.
5GND
RF/DC Ground Connection.
6GND
RF/DC Ground Connection.
7GND
RF/DC Ground Connection.
8NC
No Internal Connection.
9GND
RF/DC Ground Connection.
10
GND
RF/DC Ground Connection.
11
GND
RF/DC Ground Connection.
12
GND
RF/DC Ground Connection.
13
GND
RF/DC Ground Connection.
14
GND
RF/DC Ground Connection.
15
GND
RF/DC Ground Connection.
16
GND
RF/DC Ground Connection.
17
GND
RF/DC Ground Connection.
18
GND
RF/DC Ground Connection.
19
GND
RF/DC Ground Connection.
20
GND
RF/DC Ground Connection.
21
RFOUT
RF Output/Supply Voltage for Amplifier 2.
22
GND
RF/DC Ground Connection.
23
VDD
Supply Voltage for SPI and DSA Chip.
24
LE
Serial Latch Enable Input.
25
DATA
Serial Data Input.
26
CLK
Serial Clock Input.
27
PUP
Power up programming pin.
28
GND
RF/DC Ground Connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com