Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA0016SQ Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFDA0016SQ
Description  DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0016SQ Datasheet(HTML) 1 Page - RF Micro Devices

  RFDA0016SQ Datasheet HTML 1Page - RF Micro Devices RFDA0016SQ Datasheet HTML 2Page - RF Micro Devices RFDA0016SQ Datasheet HTML 3Page - RF Micro Devices RFDA0016SQ Datasheet HTML 4Page - RF Micro Devices RFDA0016SQ Datasheet HTML 5Page - RF Micro Devices RFDA0016SQ Datasheet HTML 6Page - RF Micro Devices RFDA0016SQ Datasheet HTML 7Page - RF Micro Devices RFDA0016SQ Datasheet HTML 8Page - RF Micro Devices RFDA0016SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
BiFET HBT
LDMOS
9
10
1
2
3
4
5
6
7
11
12
13
14
15
16
24
23
22
21
20
19
18
17
8
28
27
26
25
RFIN
GND
Vcc_AMP1
E-pad
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
RFOUT
SPI
DSA
AMP
AMP
RFDA0016
DIGITAL CONTROLLED VARIABLE GAIN AMP
50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFMD’s RFDA0016 is a digital controlled variable gain amplifier featuring high lin-
earity over the entire gain control range. The 6-bit digital step attenuator is pro-
grammed via a serial mode control interface. The RFDA0016 is packaged in a
6mmx6mm leadless laminate MCM with plated through thermal vias for low ther-
mal resistance. The amplifier’s bias chokes and DC blocks are external allowing for
optimum performance over specific bands within 50MHz to 1000MHz.
Features
Frequency Range 50MHz to
1000MHz
6-Bit Digital Step Attenuator
SPI Serial Control Programming
Max Gain=38.5dB at 150MHz
Gain Control Range=31.5dB
(0.5dB Step Size)
Class 1C HBM ESD Rating
High OIP3=42dBm at 150MHz
High P1dB=20dBm at
150MHz
Single +5V Supply
Small 28-Pin, 6.0mx6.0mm,
MCM
Power-up Programming
Applications
Transceiver IF DVA
Cellular, PCS, GSM, UMTS
Wireless Data, Satellite
Terminals
DS100813
Package: MCM 28-Pin, 6.0mmx6.0mm
RFDA0016Dig-
ital Controlled
Variable Gain
Amp 50 to
1000MHz, 6
bit 0.5dB LSB
Control


Similar Part No. - RFDA0016SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015PCK-410 RFMD-RFDA0015PCK-410 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015SQ RFMD-RFDA0015SQ Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015SR RFMD-RFDA0015SR Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015TR13 RFMD-RFDA0015TR13 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFDA0016SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFDA0026 RFMD-RFDA0026 Datasheet
936Kb / 13P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0056 RFMD-RFDA0056 Datasheet
661Kb / 10P
Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
RFDA0066 RFMD-RFDA0066 Datasheet
1Mb / 18P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
RFDA2026 RFMD-RFDA2026 Datasheet
1Mb / 16P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
RFDA2125 RFMD-RFDA2125 Datasheet
3Mb / 26P
Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
RFDA3016 RFMD-RFDA3016 Datasheet
718Kb / 11P
Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
logo
Analog Devices
HMC424ALP3E AD-HMC424ALP3E Datasheet
451Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com