Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA2125SQ Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFDA2125SQ
Description  Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2125SQ Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFDA2125SQ Datasheet HTML 9Page - RF Micro Devices RFDA2125SQ Datasheet HTML 10Page - RF Micro Devices RFDA2125SQ Datasheet HTML 11Page - RF Micro Devices RFDA2125SQ Datasheet HTML 12Page - RF Micro Devices RFDA2125SQ Datasheet HTML 13Page - RF Micro Devices RFDA2125SQ Datasheet HTML 14Page - RF Micro Devices RFDA2125SQ Datasheet HTML 15Page - RF Micro Devices RFDA2125SQ Datasheet HTML 16Page - RF Micro Devices RFDA2125SQ Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
RFDA2125
rfmd.com
DS130326
7628 Thorndike Road, Greensboro, NC 27409-9421 ∙ For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
13 of 26
Typical Performance: 2110MHz to 2170MHz Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com