Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA2125SQ Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFDA2125SQ
Description  Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2125SQ Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFDA2125SQ Datasheet HTML 5Page - RF Micro Devices RFDA2125SQ Datasheet HTML 6Page - RF Micro Devices RFDA2125SQ Datasheet HTML 7Page - RF Micro Devices RFDA2125SQ Datasheet HTML 8Page - RF Micro Devices RFDA2125SQ Datasheet HTML 9Page - RF Micro Devices RFDA2125SQ Datasheet HTML 10Page - RF Micro Devices RFDA2125SQ Datasheet HTML 11Page - RF Micro Devices RFDA2125SQ Datasheet HTML 12Page - RF Micro Devices RFDA2125SQ Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
RFDA2125
rfmd.com
DS130326
7628 Thorndike Road, Greensboro, NC 27409-9421 ∙ For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
9 of 26
Evaluation Board Bill of Materials (BOM)
728MHz to 746MHz Application Circuit
Description
Reference
Designator
Manufacturer
Manufacturer's P/N
Evaluation Board
RFDA2125410(A)
RFDA2125
U1
RFMD
RFDA2125
RES, 1K, 5%, 1/16W, 0603
R2, R6-R9
Panasonic Industrial Co.
ERJ-3GEYJ102
CAP, 100pF, 5%, 50V, C0G, 0402
C7-C8, C14
Murata Electronics
GRM1555C1H101JA01D
CAP, 1000pF, 10%, 50V, X7R, 0402
C4-C5, C13
Murata Electronics
GRM155R71H102KA01D
CAP, 10µF, 20%, 20V, TANT-B
C3, C12
Murata Electronics
TAJB106M020RNJ
CAP, 68pF, 5%, 50V, C0G, 0402
C9
Murata Electronics
GRM1555C1H680JZ01D
RES, 0Ω, 0402
C21
Kamaya, Inc.
RMC1/16SJPTH
CAP, 3.3pF, +/-0.1pF, 50V, C0G, 0402
C11
Murata Electronics
GRM1555C1H3R3BZ01E
CAP, 7.0pF, +/-0.25pF, 50V, C0G, 0402
C18
Murata Electronics
GRM1555C1H7R0CB01D
RES, 0Ω, 0603
R3-R4, R10
KOA Speer Electronics, Inc.
RK73Z1JLTD
IND, 6.8nH, 3%, T/F, HI-Q, 0201
L2
Murata Electronics
LQP03TN6N8H02D
IND, 10nH, 2%, W/W, 0402
L3
Murata Electronics
LQW15AN10NG00D
IND, 56nH, 5%, W/W, 0603
L1
Coilcraft, Inc.
0603CS-56NXJBC
CONN, SMA, END LNCH, FLT, 0.062"
J1-J2
Emerson Network Power
142-0701-821
CONN, HDR, ST, PLRZD, 2-PIN, 0.100"
P3
AMP
640454-2
CONN, HDR, ST, PLRZD, 5-PIN, 0.100"
P2
AMP
640454-5
DNP
P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com