Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA3016 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFDA3016
Description  Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA3016 Datasheet(HTML) 5 Page - RF Micro Devices

  RFDA3016 Datasheet HTML 1Page - RF Micro Devices RFDA3016 Datasheet HTML 2Page - RF Micro Devices RFDA3016 Datasheet HTML 3Page - RF Micro Devices RFDA3016 Datasheet HTML 4Page - RF Micro Devices RFDA3016 Datasheet HTML 5Page - RF Micro Devices RFDA3016 Datasheet HTML 6Page - RF Micro Devices RFDA3016 Datasheet HTML 7Page - RF Micro Devices RFDA3016 Datasheet HTML 8Page - RF Micro Devices RFDA3016 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
RFDA3016
DS121126
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.5
4.5
8.5
12.5
16.5
20.5
24.5
28.5
Attenuation (dB)
Successive Step Error versus
Attenuation State
3300MHz
3500MHz
3800MHz
30
32
34
36
38
40
42
44
46
48
50
3000
3200
3400
3600
3800
4000
Frequency (MHz)
Output IP3 versus Frequency
-40°C
25°C
85°C
Pout=10dBm/Tone
30
32
34
36
38
40
42
44
46
48
50
0
2
4
6
8
1012141618
20
Output Power (dBm/Tone)
Output IP3 versus Output Power
-40°C
85°C
25°C
@3.5GHz
20
22
24
26
28
30
32
34
36
38
40
3000
3200
3400
3600
3800
4000
Frequency (MHz)
Output P1dB versus Frequency
-40°C
25°C
85°C
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
3
5
7
9
11
13
15
17
19
21
23
Output Power (dBm)
Current versus Output Power
-40°C
25°C
85°C
@3.5GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com