Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA3016 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFDA3016
Description  Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA3016 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFDA3016 Datasheet HTML 3Page - RF Micro Devices RFDA3016 Datasheet HTML 4Page - RF Micro Devices RFDA3016 Datasheet HTML 5Page - RF Micro Devices RFDA3016 Datasheet HTML 6Page - RF Micro Devices RFDA3016 Datasheet HTML 7Page - RF Micro Devices RFDA3016 Datasheet HTML 8Page - RF Micro Devices RFDA3016 Datasheet HTML 9Page - RF Micro Devices RFDA3016 Datasheet HTML 10Page - RF Micro Devices RFDA3016 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 of 11
RFDA3016
DS121126
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
Evaluation Board Bill of Materials (BOM)
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFDA3016, 6mm x 6sq. mm, 28-Pin Laminate
U1
RFMD
RFDA3016
RFDA3016 Evaluation Board
RFDA3016EVB(B)
RES ARRAY, 4-ELEM, 1K, 5%, SMD 4x0402
RP1
KOA Speer Electronics,Inc.
CN1E4KTTD102J
RES, 1K, 5%, 1/16W, 0603
R4
Panasonic Industrial Co.
ERJ-3GEYJ102
CAP, 100pF, 5%, 50V, C0G, 0402
C9, C16-C17
Murata Electronics
GRM1555C1H101JA01D
CAP, 1000pF, 10%, 50V, X7R, 0402
C8, C15, C18
Murata Electronics
GRM155R71H102KA01D
CAP, 2.2µF, 10%, 10V, X7R, 0603
C3, C14, C19
TDK Corporation
C1608X7R1A225K
CAP, 10pF, 5%, 50V, C0G, 0402
C20, C23
Murata Electronics
GRM1555C1H100JA01D
RES, 0Ω, 0603
R5, R7-R8
KOA Speer Electronics, Inc.
RK73Z1JLTD
CONN, SMA, END LNCH, FLT, 0.062"
J5-J6
Emerson Network Power
142-0701-821
CONN, HDR, ST, PLRZD, 6-PIN, 0.100"
P1
AMP
640454-6
DNP
U2
RFMD Logo
C3
2.2uF
C16
100pF
C15
1000pF
C17
100pF
C18
1000pF
C19
2.2uF
C14
2.2uF
C8
1000pF
C9
100pF
C20
10pF
RFOUT
RFIN
VCC
VCC_AMP1
1
2
3
4
5
6
P1
HDR_1X6
PUP
CLK
DATA
LE
VCC
LE
DATA
CLK
RP1
1 K
PUP
R7
0 ohm
VCC
R4 1k
VCC
SPI_LE
1
SPI_DATA
2
SPI_CLK
3
PUP
4
GND
5
RFIN
6
GND
7
GND
15
RFOUT
16
GND
17
GND
18
GND
19
GND
20
GND
21
U1
RFDA3016
J6
J5
CB2
12
TXD
1
DTR#
2
RTS#
3
VIO
4
RXD
5
RI#
6
GND
7
DSR#
8
DCD#
9
CTS#
10
CB4
11
GND
24
SLD
13
USB
14
VCC
15
PU2
16
PU1
17
CB3
18
3V3
19
RST
20
VCC
21
CB1
22
CB0
23
U2
UM232R
PUP
CLK
DATA
LE
C23
10pF
R8
0 ohm
R5 0 ohm
VCC_AMP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com