Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFC2071 Datasheet(PDF) 15 Page - RF Micro Devices

Part # RFFC2071
Description  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2071 Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RFFC2071 Datasheet HTML 11Page - RF Micro Devices RFFC2071 Datasheet HTML 12Page - RF Micro Devices RFFC2071 Datasheet HTML 13Page - RF Micro Devices RFFC2071 Datasheet HTML 14Page - RF Micro Devices RFFC2071 Datasheet HTML 15Page - RF Micro Devices RFFC2071 Datasheet HTML 16Page - RF Micro Devices RFFC2071 Datasheet HTML 17Page - RF Micro Devices RFFC2071 Datasheet HTML 18Page - RF Micro Devices RFFC2071 Datasheet HTML 19Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15 of 23
RFFC2071/2072
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical VCO Performance Characteristics
VDD = +3V and TA = +27°C unless stated. Measured on RFFC2071/RFFC2072 evaluation board.
1200
1300
1400
1500
1600
1700
1800
0
20
40
60
80
100
120
VCO
Frequency
(MHz)
CT_CAL Word
VCO1 Frequency versus CT_CAL
VCO1 with LO Divide by 2
-40 Deg C
+27 Deg C
+85 Deg C
0
5
10
15
20
25
1200
1300
1400
1500
1600
1700
1800
Kvco
(MHz/V)
VCO Frequency /2 (MHz)
VCO1 Frequency versus Kvco
LO Divide by 2
VCO1
1600
1700
1800
1900
2000
2100
2200
2300
0
20
40
60
80
100
120
VCO
Frequency
(MHz)
CT_CAL Word
VCO2 Frequency versus CT_CAL
VCO2 with LO Divide by 2
-40 Deg C
+27 Deg C
+85 Deg C
0
5
10
15
20
25
30
1600
1700
1800
1900
2000
2100
2200
2300
Kvco
(MHz/V)
VCO Frequency /2 (MHz)
VCO2 Frequency versus Kvco
LO Divide by 2
VCO2
2100
2200
2300
2400
2500
2600
2700
2800
2900
0
20406080
100
120
VCO
Frequency
(MHz)
CT_CAL Word
VCO3 Frequency versus CT_CAL
VCO3 with LO Divide by 2
-40 Deg C
+27 Deg C
+85 Deg C
0
5
10
15
20
25
30
2200
2300
2400
2500
2600
2700
2800
2900
Kvco
(MHz/V)
VCO Frequency /2 (MHz)
VCO3 Frequency versus Kvco
LO Divide by 2
VCO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com