Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFC2071 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RFFC2071
Description  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2071 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RFFC2071 Datasheet HTML 12Page - RF Micro Devices RFFC2071 Datasheet HTML 13Page - RF Micro Devices RFFC2071 Datasheet HTML 14Page - RF Micro Devices RFFC2071 Datasheet HTML 15Page - RF Micro Devices RFFC2071 Datasheet HTML 16Page - RF Micro Devices RFFC2071 Datasheet HTML 17Page - RF Micro Devices RFFC2071 Datasheet HTML 18Page - RF Micro Devices RFFC2071 Datasheet HTML 19Page - RF Micro Devices RFFC2071 Datasheet HTML 20Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16 of 23
RFFC2071/2072
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical VCO Performance Characteristics
VDD = +3V and TA = +27°C unless stated. Measured on RFFC2071/RFFC2072 evaluation board.
1475
1480
1485
1490
1495
1500
1505
0.0
0.5
1.0
1.5
VCO1
Frequency /2
(MHz)
Tuning Voltage (Volts)
VCO1 Frequency versus Tuning Voltage
For the same coarse tune setting, LO divide by two
-40 Deg C
+27 Deg C
+85 Deg C
2465
2470
2475
2480
2485
2490
2495
2500
2505
2510
2515
0.0
0.5
1.0
1.5
VCO3
Frequency /2
(MHz)
Tuning Voltage (Volts)
VCO3 Frequency versus Tuning Voltage
For the same coarse tune setting, LO divide by two
-40 Deg C
+27 Deg C
+85 Deg C
1980
1985
1990
1995
2000
2005
2010
2015
2020
0.0
0.5
1.0
1.5
VCO2
Frequency /2
(MHz)
Tuning Voltage (Volts)
VCO2 Frequency versus Tuning Voltage
For the same coarse tune setting, LO divide by two
-40 Deg C
+27 Deg C
+85 Deg C
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
10.0
100.0
1000.0
10000.0
100000.0
Phase
Noise
(dBc/Hz)
Offset Frequency (KHz)
VCO Phase Noise
With LO Divide by 2
2500MHz VCO3
2000MHz VCO2
1500MHz VCO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com