Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESSM-2-8-75 Datasheet(PDF) 1 Page - Tyco Electronics

Part # ESSM-2-8-75
Description  E-Series 2-Way 0 Power Divider 5 - 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ESSM-2-8-75 Datasheet(HTML) 1 Page - Tyco Electronics

  ESSM-2-8-75 Datasheet HTML 1Page - Tyco Electronics ESSM-2-8-75 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S 1206 D
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 4.0
4
Features
• 2 Way
• 0 Degree
• Surface Mount
Description
M/A-COM’s ESSM-2-8-75 is a 2 Way 0
o Power Divider in a low
cost, surface mount package. Ideally suited for high volume
cellular, wireless and CATV applications. An external 160 Ohm
chip resistor is required with this part.
E-Series 2-Way 0
o Power Divider
5 - 1000 MHz
ESSM-2-8-75
Parameter
Units
Typical
Minimum
Maximum
Frequency Range
5 - 1000
MHz
—
—
—
Insertion Loss
5 - 40 MHz
40 - 400 MHz
400 - 500 MHz
500 - 1000 MHz
dB
dB
dB
dB
0.6
0.6
0.8
0.8
—
—
—
—
1.0
0.9
1.0
1.4
Isolation
5 - 40 MHz
40 - 400 MHz
400 - 500 MHz
500 - 1000 MHz
dB
dB
dB
dB
26
26
21
17
19
19
16
10
—
—
—
—
Amplitude Unbalance
5 - 40 MHz
40 - 400 MHz
400 - 500 MHz
500 - 1000 MHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
0.6
0.4
0.6
0.6
Phase Unbalance
5 - 40 MHz
40 - 400 MHz
400 - 500 MHz
500 - 1000 MHz
o
o
o
o
—
—
—
—
—
—
—
—
3.0
o
3.0
o
3.0
o
5.0
o
Output Return Loss
5 - 40 MHz
40-870 MHz
40 - 1000 MHz
dB
dB
dB
20
24
24
14
18
18
—
—
—
Input Return Loss
5 - 40 MHz
40-870 MHz
40 - 1000 MHz
dB
dB
dB
20
22
22
20
17
16
—
—
—
Electrical Specifications @25°C
SM-55 Package
Please Note that the photograph above indicates package shape only, unit may be wired differently.


Similar Part No. - ESSM-2-8-75

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESSM-2-16 MACOM-ESSM-2-16 Datasheet
148Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 500 MHz
logo
M/A-COM Technology Solu...
ESSM-2-16 MA-COM-ESSM-2-16 Datasheet
181Kb / 2P
E-Series 2-Way 0쨘 Power Divider
logo
Tyco Electronics
ESSM-2-2-75 MACOM-ESSM-2-2-75 Datasheet
29Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSM-2-6 MACOM-ESSM-2-6 Datasheet
199Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 900 MHz
logo
M/A-COM Technology Solu...
ESSM-2-6 MA-COM-ESSM-2-6 Datasheet
186Kb / 2P
E-Series 2-Way 0쨘 Power Divider 5 - 900 MHz
More results

Similar Description - ESSM-2-8-75

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESJ-4-1-75 MACOM-ESJ-4-1-75 Datasheet
39Kb / 1P
E-Series 4-Way 0 Power Divider 5 - 1000 MHz
ESJ-4-2-75 MACOM-ESJ-4-2-75 Datasheet
188Kb / 2P
E-Series 4-Way 0 Power Divider 5 - 1000 MHz
ESML-2-1 MACOM-ESML-2-1 Datasheet
32Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 500 MHz
ESML-2-4 MACOM-ESML-2-4 Datasheet
32Kb / 1P
E-Series 2-Way 0 Power Divider 10 - 1000 MHz
ESML-2-7 MACOM-ESML-2-7 Datasheet
32Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 750 MHz
ESSM-2-2-75 MACOM-ESSM-2-2-75 Datasheet
29Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSM-2-7-75 MACOM-ESSM-2-7-75 Datasheet
45Kb / 1P
E-Series 2-Way 0 Power Divider 40 - 1000 MHz
ESSMJ-2-10-75 MACOM-ESSMJ-2-10-75 Datasheet
37Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-12-75 MACOM-ESSMJ-2-12-75 Datasheet
159Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
ESJ-4-2-75 MA-COM-ESJ-4-2-75 Datasheet
188Kb / 2P
E-Series 4-Way 0� Power Divider 5 -1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com