Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4201 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM4201
Description  3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4201 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM4201 Datasheet HTML 1Page - RF Micro Devices RFFM4201 Datasheet HTML 2Page - RF Micro Devices RFFM4201 Datasheet HTML 3Page - RF Micro Devices RFFM4201 Datasheet HTML 4Page - RF Micro Devices RFFM4201 Datasheet HTML 5Page - RF Micro Devices RFFM4201 Datasheet HTML 6Page - RF Micro Devices RFFM4201 Datasheet HTML 7Page - RF Micro Devices RFFM4201 Datasheet HTML 8Page - RF Micro Devices RFFM4201 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 of 14
RFFM4201
DS121008
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF Applied)
-0.5 to +5.25
V
Supply Voltage (No RF Applied)
-0.5 to +6.0
V
DC Supply Current
750
mA
Input RF Power
+10*
dBm
Operating Temperature
-30 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL3
*Maximum Input Power with a 50
 load.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions
T = 25°C, V
CC = 5.0V, V
REG = 2.9V, using an
IEEE802.11g waveform, 54MBps, unless other-
wise noted
Frequency
2412
2484
MHz
Tx Performance - 11g/n
Compliance with standard 802.11g/n
802.11n Output Power
25
25.5
dBm
802.11n HT20 and HT40 MCS7
11n Dynamic EVM
2.5
3
%
802.11n Output Power
25.8
dBm
At VCC = 5.25V; 802.11n HT20 and HT40 MCS7
11n Dynamic EVM
2.5
3
%
802.11g Output Power
25.5
26
dBm
802.11g 64QAM 54Mbps
11g Dynamic EVM
2.5
3
%
Second Harmonic
-47
-42
dBm/MHz 11n HT40 MCS0/7. At rated POUT
Third Harmonic
-50
-42
dBm/MHz 11n HT40 MCS0/7. At rated POUT
Tx Performance - Spectral Mask
Compliance with standard 802.11b/n
802.11b Output Power
27.5
dBm
Meet 802.11b 1MBps Mask Spec
802.11n Output Power
25
dBm
Meet 802.11n HT20/HT40 MCS7 Mask
Tx Performance - Generic
Gain
31.5
34
37
dB
At rated POUT
Gain Variation over Temp
+/-2.5
dB
Over temerature of -40
°C to +85 ˚C
Low Gain Mode - Gain Reduction
23
dB
Drop in gain versus high gain mode by setting
VREG2 = 0
Power Detect Range
0.125
2.3
V
POUT = 5dBm to 30dBm
Power Detect Voltage
1.45
V
At rated POUT
Input Return Loss - TX_IN pin
10
15
dB
In specified frequency band
Output Return Loss at ANT pin
6
8
dB
In specified frequency band
Operating Current
435
500
mA
At rated POUT
Quiescent Current
160
210
mA
VCC = 5.0, VREG = 2.9V and RF = OFF
PAE (Power Added Efficiency)
20
%
At rated POUT (PA only)
IREG
4
8.5
mA
in Tx mode
PDOWN Current - VREG supply
7
10
mA
PDOWN = 0V, VREG = 2.9V, VCC = 5V
PDOWN Current - VCC Supply
0.51mA
PDOWN = 0V, VREG = 2.9V, VCC = 5V
Leakage Current
0.2
0.6
mA
VCC = 5V, VREG = 0V, PDOWN = 0V
Power Supply - VCC
55.25
V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com