Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4201 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM4201
Description  3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4201 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM4201 Datasheet HTML 1Page - RF Micro Devices RFFM4201 Datasheet HTML 2Page - RF Micro Devices RFFM4201 Datasheet HTML 3Page - RF Micro Devices RFFM4201 Datasheet HTML 4Page - RF Micro Devices RFFM4201 Datasheet HTML 5Page - RF Micro Devices RFFM4201 Datasheet HTML 6Page - RF Micro Devices RFFM4201 Datasheet HTML 7Page - RF Micro Devices RFFM4201 Datasheet HTML 8Page - RF Micro Devices RFFM4201 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
Pdown
GND
TXIN
GND
GND
GND
GND
Vtx
GND
GND
ANT
Input
Match
Bias
Inter
Stage
Match
Inter
Stage
Match
RFFM4201
3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER
FRONT END MODULE
RFFM4201 is a 1 x 1 MIMO module that is intently specified to address IEEE
802.11b/g/n WiFi 2.4GHz to 2.5GHz customer premises equipment (CPE) applica-
tions. The module has an integrated three-stage linear power amplifier, Tx harmonic
filtering and SPDT switch. The RFFM4201 has fully matched input and output for a
50
 system and incorporates matching networks optimized for linear output power
and efficiency. The RFFM4201 is housed in a 6mm x 6mm laminate.
Features
34dB Typical Gain Across
Frequency Band
POUT = 25dBm <2.5%
Dynamic EVM
2.4GHz to 2.5GHz Frequency
Range
Integrated Three-Stage PA,
Filtering and T/R switch
High Impedance Control
Integrated Power Detector
Applications
WiFi IEEE802.11b/g/n
Applications
Customer Premises
Equipment (CPE)
Spread-Spectrum and MMDS
Systems
DS121008
Package: 6mm x 6mm Laminate
RFFM4201
3.3V to 5V,
2.4GHz TO
2.5GHz HIGH
POWER FRONT
END MODULE
RFFM4201PCK-410 RFFM4201 Eval Board and 5-Piece Bag
RFFM4201SB
5-Piece Bag
RFFM4201SR
100-Piece Reel
RFFM4201TR7
2500-Piece Reel
RFFM4201SQ
25-Piece Bag


Similar Part No. - RFFM4201

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200PCK-410 RFMD-RFFM4200PCK-410 Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SB RFMD-RFFM4200SB Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SQ RFMD-RFFM4200SQ Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SR RFMD-RFFM4200SR Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
More results

Similar Description - RFFM4201

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com