Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6401 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM6401
Description  3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6401 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM6401 Datasheet HTML 1Page - RF Micro Devices RFFM6401 Datasheet HTML 2Page - RF Micro Devices RFFM6401 Datasheet HTML 3Page - RF Micro Devices RFFM6401 Datasheet HTML 4Page - RF Micro Devices RFFM6401 Datasheet HTML 5Page - RF Micro Devices RFFM6401 Datasheet HTML 6Page - RF Micro Devices RFFM6401 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
RFFM6401
DS130327
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Nominal Operating Parameters
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
+5
VDC
DC Supply Current
800
mA
PA input RF Power
+10*
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL3
*Maximum PA Input RF Power with a 50
Ω load.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Frequency
450
460
470
MHz
Battery Voltage
3.3
3.6
4.0
V
VCC
RF Port Impedance
50
Ω
Total Leakage Current
0.5
2.0
μAVCC = 3.6V, VREG <= 50mV, CTX=CRX=50mV
ESD, HBM
1000
V
RF Pins
ESD, HBM
1000
V
All Other Pins
ESD, CDM
1000
V
RF Pins
ESD, CDM
1000
V
All Other Pins
Tx Section
Nominal Condition: Temperature= 25°C, VCC = 3.6V,
VREG =2.8V, CTX= VCC -0.2V, Over Frequency
unless otherwise noted
CW POUT Saturation
30
30.5
31
dBm
Over Voltage, full temperature and Frequency
Large Signal Gain
30
32
dB
2fo - 10fo Harmonic
-65
-60
dBc
Small Signal Input Return Loss
-10
dB
Transmit Current (Icc)
725
750
775
mA
VCC = 3.6V, POUT = 30dBm
VREG
2.8
3.3
3.8
V
VREG Current
5.0
7.5
mA
Rx Section
Rx Current
2.0
μAVCC = 3.6, VREG = 3.4V C_Tx = 0V, C_RX = 3.4V
Small Signal Insertion Loss
-1
-0.7
dB
Large Signal Insertion Loss
-1
-0.7
dB
Input P0.1dB
23
dBm
Small Signal Input Return Loss
-10
-8
dB
Small Signal Output Return Loss
-10
-8
dB
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2011/65/EU, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com