Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6401 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM6401
Description  3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6401 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM6401 Datasheet HTML 1Page - RF Micro Devices RFFM6401 Datasheet HTML 2Page - RF Micro Devices RFFM6401 Datasheet HTML 3Page - RF Micro Devices RFFM6401 Datasheet HTML 4Page - RF Micro Devices RFFM6401 Datasheet HTML 5Page - RF Micro Devices RFFM6401 Datasheet HTML 6Page - RF Micro Devices RFFM6401 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 of 7
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
15
16
17
18
19
20
21
22
23
24
3
25
26
27
28
1
2
14
13
GND
C_TX
C_RX
RX
GND
TX
12
4
5
6
7
9
10
11
GND
GND
ANT
GND
GND
GND
GND
GND
8
GND
GND
RFFM6401
3.3V to 4.0V, 450MHz to 470MHz
Transmit/Receive Front End Module
RFFM6401 is a front end module (FEM) intended for 433MHz to 470MHz AMI/AMR
systems. This module provides separate ports for Rx and Tx paths. The Tx section
provides a two stage PA with nominal output power of 30dBm and gain of 30dB.
The Rx is a pass through. Both are combined to a single antenna port with a SP2T
switch. The device is provided in a 5.5mm x 5.0mm, 28-pin package.
Features
Tx Output Power: 30dBm
Tx Gain: 30dB
Separate 50
Ω Tx/Rx
Transceiver Interface
Rx Insertion Loss: 1dB
Applications
Wireless Automated Metering
Wireless Alarm Systems
Portable Battery Powered
Equipment
Smart Energy
433MHz/450MHz to
470MHz ISM Band
Application
Single Chip RF Front End
Module
RFFM6401
3.3V to 4.0V, 450MHz to 470MHz Front End Module
RFFM6401SB
5-Piece Bag
RFFM6401SR
Standard 100-Piece Reel
RFFM6401TR13
Standard 2500-Piece reel
RFFM6401PCK-410 Fully Assembled Evaluation Board and 5-Piece Bag
DS130327
Package Style: LGA, 28-Pin, 5.5mm x 5.0mm


Similar Part No. - RFFM6401

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
RFFM6403PCK-410 RFMD-RFFM6403PCK-410 Datasheet
553Kb / 10P
2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
RFFM6403SB RFMD-RFFM6403SB Datasheet
553Kb / 10P
2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
RFFM6403SQ RFMD-RFFM6403SQ Datasheet
553Kb / 10P
2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
RFFM6403SR RFMD-RFFM6403SR Datasheet
553Kb / 10P
2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
More results

Similar Description - RFFM6401

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6504 RFMD-RF6504 Datasheet
677Kb / 8P
3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Skyworks Solutions Inc.
SKY65367-11 SKYWORKS-SKY65367-11_15 Datasheet
191Kb / 2P
169 to 170 MHz Transmit/Receive Front-End Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
logo
Skyworks Solutions Inc.
SKY65383-11 SKYWORKS-SKY65383-11 Datasheet
4Mb / 11P
2400 to 2483 MHz Transmit/Receive Front-End Module
October 24, 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com