Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM7600 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFFM7600
Description  5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM7600 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFFM7600 Datasheet HTML 4Page - RF Micro Devices RFFM7600 Datasheet HTML 5Page - RF Micro Devices RFFM7600 Datasheet HTML 6Page - RF Micro Devices RFFM7600 Datasheet HTML 7Page - RF Micro Devices RFFM7600 Datasheet HTML 8Page - RF Micro Devices RFFM7600 Datasheet HTML 9Page - RF Micro Devices RFFM7600 Datasheet HTML 10Page - RF Micro Devices RFFM7600 Datasheet HTML 11Page - RF Micro Devices RFFM7600 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 of 12
RFFM7600
DS120427
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
Bill of Materials (BOM)
Description
Qty
Reference
Designator
Manufacturer
Manufacturer's P/N
CAP, 1000pF, 10%, 50V, X7R, 0402
1
C1
Murata Electronics
GRM155R71H102KA01D
CAP, 1uF, 10%, 10V, X5R, 0603
1
C4
Murata Electronics
GRM188R61A105KA61D
CAP, 10uF, 10%, 10V, X5R, 0805
1
C3
Murata Electronics
RM21BR61A106KE19L
CONN, SMA, END LNCH, UNIV, HYB MNT, FLT
3
J1, J2, J3
MOLEX
SD-73251-4000
RES, 20K, 5%, 1/16W, 0402
1
R1
PANASONIC
INDUSTRIAL CO
ERJ-2GEJ203
RES, 0 OHM, 0402
3
R2
Kamaya, Inc
RMC1/16SJPTH
DNI
2
R3, C2
RFFM7600
1
U1
RFMD
RFFM7600
J1
ANT
PDET
VREG
R2
0
J3
TXIN
C3
10 uF
VCC
P1
1
2
3
4
HDR_1X4
VCC
P2
HDR_1X7
1
2
3
4
5
6
7
VREG
VREG2
C4
1 uF
RFFM7600
R1
20K
Pdown
J2
RX
Vtx
Vrx
PDET
Pdown
C1
1000pF
Vtx
Vrx
C2
DNP
VREG2
R3
DNP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com