Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM7600 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM7600
Description  5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM7600 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM7600 Datasheet HTML 1Page - RF Micro Devices RFFM7600 Datasheet HTML 2Page - RF Micro Devices RFFM7600 Datasheet HTML 3Page - RF Micro Devices RFFM7600 Datasheet HTML 4Page - RF Micro Devices RFFM7600 Datasheet HTML 5Page - RF Micro Devices RFFM7600 Datasheet HTML 6Page - RF Micro Devices RFFM7600 Datasheet HTML 7Page - RF Micro Devices RFFM7600 Datasheet HTML 8Page - RF Micro Devices RFFM7600 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
Vbias
GND
GND
TXIN
GND
Vtx
GND
ANT
GND
Pdown
Vrx
GND
Input
Match
Bias
Inter
Stage
Match
Inter
Stage
Match
RFFM7600
5.0V, 2.5GHz TO 2.7GHz HIGH POWER
FRONT END MODULE
The RFFM7600 is a Front End Module, designed for the WiMAX 2.5GHz to 2.7GHz
market with LTE bands between 2.5GHz to 2.7GHz. It consists of a Power Amplifier
with Tx harmonic filtering and T/R switching. RFFM7600 is provided in a 6mm x
6mm laminate package, incorporating SMD's for filtering and matching.
Features
34dB Typical Gain Across
Frequency Band
POUT = 27dBm <2.5% EVM
WiMAX
2.5GHz to 2.7GHz Frequency
Range
POUT = 24dBm, -48dBc ACPR
LTE DL
Integrated 3-stage PA,
filtering and T/R switch.
Integrated Power Detector
and High Impedance Control
Pin
Applications
WiMAX Applications
LTE TDD Application
Customer Premises
Equipment (CPE)
Data Cards and Terminals
Spread-Spectrum and MMDS
Systems
DS120427
Package: 6mm x 6mm Laminate
RFFM7600
5.0V, 2.5GHz
TO 2.7GHz
HIGH POWER
FRONT END
MODULE
RFFM7600PCK-410
RFFM7600 Eval board with 5-piece bag
RFFM7600SB
5-Piece bag
RFFM7600SR
100-Piece Reel
RFFM7600TR7
2500-Piece reel
RFFM7600SQ
25-Piece bag


Similar Part No. - RFFM7600

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482ESQ RFMD-RFFM3482ESQ Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482ESR RFMD-RFFM3482ESR Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482ETR13X RFMD-RFFM3482ETR13X Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482ETR7 RFMD-RFFM3482ETR7 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
More results

Similar Description - RFFM7600

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFFM4203 QORVO-RFFM4203 Datasheet
201Kb / 9P
3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4293 QORVO-RFFM4293 Datasheet
218Kb / 9P
3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com