Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM7600SQ Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFFM7600SQ
Description  5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM7600SQ Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFFM7600SQ Datasheet HTML 4Page - RF Micro Devices RFFM7600SQ Datasheet HTML 5Page - RF Micro Devices RFFM7600SQ Datasheet HTML 6Page - RF Micro Devices RFFM7600SQ Datasheet HTML 7Page - RF Micro Devices RFFM7600SQ Datasheet HTML 8Page - RF Micro Devices RFFM7600SQ Datasheet HTML 9Page - RF Micro Devices RFFM7600SQ Datasheet HTML 10Page - RF Micro Devices RFFM7600SQ Datasheet HTML 11Page - RF Micro Devices RFFM7600SQ Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11 of 12
RFFM7600
DS120427
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Performance Plots
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
0
2468
10
12
14
16
18
20
22
24
26
28
30
Output Power (dBm)
APLR (dB) versus POUT (dBm)
- 40°C
VCC = 5VDC VREG = 2.85VDC
E-TM1.1 with LTE DL 20MHz
2500MHz
2570MHz
2570MHz
2700MHz
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Output Power (dBm)
ACLR (dB) versus POUT (dBm)
25° C
VCC = 5VDC VREG = 2.85VDC
E-TM1.1 with LTE DL 20MHz
2500MHz
2570MHz
2620MHz
2700MHz
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Output Power (dBm)
ICC (A) versus POUT (dBm)
-40° C
VCC = 5VDC VREG = 2.85VDC
2500MHz
2570MHz
2620MHz
2700MHz
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
0246
8
10
12
14
16
18
20
22
24
26
28
30
Output Power (dBm)
ICC (A) versus POUT (dBm)
25° C
VCC = 5VDC VREG = 2.85VDC
2500MHz
2570MHz
2620MHz
2700MHz
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
0
2468
10
12
14
16
18
20
22
24
26
28
30
Output Power (dBm)
ICC (A) versus POUT (dBm)
85° C
VCC = 5VDC VREG = 2.85VDC
2500MHz
2570MHz
2620MHz
2700MHz
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0
Output Power (dBm)
ACLR (dB) versus POUT (dBm)
85° C
VCC = 5VDC VREG = 2.85VDC
E-TM1.1 with LTE DL 20MHz
2500MHz
2570MHz
2620MHz
2700MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com