Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA1012 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFPA1012
Description  GaAs HBT 400MHz to 2700MHz Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1012 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFPA1012 Datasheet HTML 3Page - RF Micro Devices RFPA1012 Datasheet HTML 4Page - RF Micro Devices RFPA1012 Datasheet HTML 5Page - RF Micro Devices RFPA1012 Datasheet HTML 6Page - RF Micro Devices RFPA1012 Datasheet HTML 7Page - RF Micro Devices RFPA1012 Datasheet HTML 8Page - RF Micro Devices RFPA1012 Datasheet HTML 9Page - RF Micro Devices RFPA1012 Datasheet HTML 10Page - RF Micro Devices RFPA1012 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11 of 11
RFPA1012
DS150622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
Dimensions in inches (millimeters)
Branding Diagram
YYWW = date code where YY = year, WW = week. Trace Code = lot code assigned by packaging supplier.
Pin Description Table
Pin
Name
Description
1NC
No Internal Connection
2RF IN
RF input. External DC block is required.
3NC
No Internal Connection
4NC
No Internal Connection
5NC
No Internal Connection
6VREF
Control input to the active bias circuit to set ICQ. Can be used as a power-down pin.
7RF OUT/VCC RF output, device collector.
8VBIAS
Supply voltage for the active bias circuit.
EPAD
GND
DC and RF ground. Must be soldered to EVB ground plane over a bed of vias for thermal and RF performance.
Pin 1 Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com