Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA1012 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFPA1012
Description  GaAs HBT 400MHz to 2700MHz Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1012 Datasheet(HTML) 5 Page - RF Micro Devices

  RFPA1012 Datasheet HTML 1Page - RF Micro Devices RFPA1012 Datasheet HTML 2Page - RF Micro Devices RFPA1012 Datasheet HTML 3Page - RF Micro Devices RFPA1012 Datasheet HTML 4Page - RF Micro Devices RFPA1012 Datasheet HTML 5Page - RF Micro Devices RFPA1012 Datasheet HTML 6Page - RF Micro Devices RFPA1012 Datasheet HTML 7Page - RF Micro Devices RFPA1012 Datasheet HTML 8Page - RF Micro Devices RFPA1012 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
RFPA1012
DS150622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
(860MHz to 960MHz Application Circuit)
Evaluation Board Build of Materials (BOM)
(860MHz to 960MHz Application Circuit)
Description
Reference Designator
Manufacturer
Manufacturer's P/N
PCB, RFPA1012
RFMD
RFPA1012411(A)
RFPA1012 Evaluation Board
U1
RFMD
RFPA1012SB
CAP, 0.1µF, 10%, 16V, X7R, 0402
C21
Murata Electronics
GRM155R71C104KA88D
CAP, 1µF, 10%, 10V, X5R, 0402
C20
Murata Electronics
GRM155R61A105KE15D
CAP, 1000pF, 10%, 50V, X7R, 0402
C16, C18
Murata Electronics
GRM155R71H102KA01D
CAP, 0.5pF, +/-0.1pF, 50V, HI-Q, 0402
C10
Johanson Technology
500R07S0R5BV4SD
CAP, 22pF, 5%, 50V, HI-Q, 0402
C2, C11, C13
Johanson Technology
500R07S220JV4RD
CAP, 4.7pF, +/-0.25pF, 50V, HI-Q, 0402
C5
Johanson Technology
500R07S4R7CV4TD
CAP, 1.0pF, +/-0.1pF, 50V, HI-Q, 0402
C6
Johanson Technology
500R07S1R0BV4SD
CAP, 1.5pF, +/-0.25pF, 50V, HI-Q, 0402
C8
Johanson Technology
500R07S1R5CV4TD
IND, 7.5nH, +/-0.1nH, T/F, 0402
L1
Murata Electronics
LQP15MN7N5B02D
IND, 6.2nH, +/-0.1nH, T/F, 0402
L3
Murata Electronics
LQP15MN6N2B02D
IND, 33nH, 2%, T/F, 0402
L2, L4
Murata Electronics
LQP15MN33NG02D
FERRITE BEAD, 260
, 2A, 0603
R1
Murata Electronics
BLM18EG221SN1D
RES, 2K, 5%, 1/16W, 0402
C1, R4
Panasonic
ERJ2GEJ202
RES, 15
, 1%, 1/16W, 0402
R2
Panasonic
ERJ-2RKF15R0X
RES, 1.5K, 1%, 1/16W, 0402
R5
Panasonic
ERJ-2RKF1501X
RES, 100
, 1%, 1/10W, 0402
R6
Panasonic
ERJ-2RKF1000X
Do Not Place
C3-C4, C7, C9, C12, C14-C15, C17, C19, R3
NC
1
RF_IN
2
NC
3
NC
4
NC
5
VREG
6
RF_OUT
7
VBIAS
8
NC
RF_IN
NC
NC
NC
VREG
RF_OUT
VBIAS
U1
PA1012
C6
1pF
C5
4.7pF
C2
22pF
C18
1000pF
R6
100
L2
33nH
L3
6.2nH
C14
22pF
C8
1.5pF
C10
0.5pF
C11
22pF
1
2
P2
HDR_1X2
1
2
P1
J1
RFin
J2
RFout
C16
1000pF
R5
1.5 K
L1
7.5nH
VREG
VCC
R1
260 Ferrite
R4
2K
L4
33nH
C21
0.1uF
C20
1uF
C1
2K
R2
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com